Electronic Components Datasheet Search
  English  ▼

X  

74HC14 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC14
Description  Hex inverting Schmitt trigger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC14 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC14 Datasheet HTML 4Page - NXP Semiconductors 74HC14 Datasheet HTML 5Page - NXP Semiconductors 74HC14 Datasheet HTML 6Page - NXP Semiconductors 74HC14 Datasheet HTML 7Page - NXP Semiconductors 74HC14 Datasheet HTML 8Page - NXP Semiconductors 74HC14 Datasheet HTML 9Page - NXP Semiconductors 74HC14 Datasheet HTML 10Page - NXP Semiconductors 74HC14 Datasheet HTML 11Page - NXP Semiconductors 74HC14 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
74HC_HCT14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 19 September 2012
8 of 21
NXP Semiconductors
74HC14; 74HCT14
Hex inverting Schmitt trigger
13. Transfer characteristics
14. Transfer characteristics waveforms
Table 9.
Test data
Type
Input
Load
Test
VI
tr, tf
CL
74HC14
VCC
6.0 ns
15 pF, 50 pF
tPLH, tPHL
74HCT14
3.0 V
6.0 ns
15 pF, 50 pF
tPLH, tPHL
Table 10.
Transfer characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); see Figure 8 and Figure 9.
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C
to +85
C
Tamb = 40 C
to +125
C
Unit
Min
Typ
Max
Min
Max
Min
Max
74HC14
VT+
positive-going
threshold
voltage
VCC = 2.0 V
0.7
1.18
1.5
0.7
1.5
0.7
1.5
V
VCC = 4.5 V
1.7
2.38
3.15
1.7
3.15
1.7
3.15
V
VCC = 6.0 V
2.1
3.14
4.2
2.1
4.2
2.1
4.2
V
VT
negative-going
threshold
voltage
VCC = 2.0 V
0.3
0.52
0.9
0.3
0.9
0.3
0.9
V
VCC = 4.5 V
0.9
1.4
2.0
0.9
2.0
0.9
2.0
V
VCC = 6.0 V
1.2
1.89
2.6
1.2
2.6
1.2
2.6
V
VH
hysteresis
voltage
VCC = 2.0 V
0.2
0.66
1.0
0.2
1.0
0.2
1.0
V
VCC = 4.5 V
0.4
0.98
1.4
0.4
1.4
0.4
1.4
V
VCC = 6.0 V
0.6
1.25
1.6
0.6
1.6
0.6
1.6
V
74HCT14
VT+
positive-going
threshold
voltage
VCC = 4.5 V
1.2
1.41
1.9
1.2
1.9
1.2
1.9
V
VCC = 5.5 V
1.4
1.59
2.1
1.4
2.1
1.4
2.1
V
VT
negative-going
threshold
voltage
VCC = 4.5 V
0.5
0.85
1.2
0.5
1.2
0.5
1.2
V
VCC = 5.5 V
0.6
0.99
1.4
0.6
1.4
0.6
1.4
V
VH
hysteresis
voltage
VCC = 4.5 V
0.4
0.56
-
0.4
-
0.4
-
V
VCC = 5.5 V
0.4
0.6
-
0.4
-
0.4
-
V
Fig 8.
Transfer characteristics
Fig 9.
Transfer characteristics definitions
mna207
VO
VI
VH
VT+
VT−
mna208
VO
VI
VH
VT+
VT−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com