Electronic Components Datasheet Search
  English  ▼

X  

74HC74 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74HC74
Description  Dual D-type flip-flop with set and reset; positive edge-trigger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC74 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74HC74 Datasheet HTML 8Page - NXP Semiconductors 74HC74 Datasheet HTML 9Page - NXP Semiconductors 74HC74 Datasheet HTML 10Page - NXP Semiconductors 74HC74 Datasheet HTML 11Page - NXP Semiconductors 74HC74 Datasheet HTML 12Page - NXP Semiconductors 74HC74 Datasheet HTML 13Page - NXP Semiconductors 74HC74 Datasheet HTML 14Page - NXP Semiconductors 74HC74 Datasheet HTML 15Page - NXP Semiconductors 74HC74 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
74HC_HCT74
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 27 August 2012
12 of 21
NXP Semiconductors
74HC74; 74HCT74
Dual D-type flip-flop with set and reset; positive edge-trigger
Test data is given in Table 10.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 9.
Test circuit for measuring switching times
001aah768
tW
tW
tr
tr
tf
VM
VI
negative
pulse
GND
VI
positive
pulse
GND
10 %
90 %
90 %
10 %
VM
VM
VM
tf
VCC
DUT
RT
VI
VO
CL
G
Table 10.
Test data
Type
Input
Load
Test
VI
tr, tf
CL
RL
74HC74
VCC
6ns
15pF, 50 pF
1k
tPLH, tPHL
74HCT74
3V
6ns
15pF, 50 pF
1k
tPLH, tPHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com