Electronic Components Datasheet Search
  English  ▼

X  

74LVC14AD Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74LVC14AD
Description  Hex inverting Schmitt trigger with 5 V tolerant input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC14AD Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74LVC14AD Datasheet HTML 8Page - NXP Semiconductors 74LVC14AD Datasheet HTML 9Page - NXP Semiconductors 74LVC14AD Datasheet HTML 10Page - NXP Semiconductors 74LVC14AD Datasheet HTML 11Page - NXP Semiconductors 74LVC14AD Datasheet HTML 12Page - NXP Semiconductors 74LVC14AD Datasheet HTML 13Page - NXP Semiconductors 74LVC14AD Datasheet HTML 14Page - NXP Semiconductors 74LVC14AD Datasheet HTML 15Page - NXP Semiconductors 74LVC14AD Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
74LVC14A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 23 December 2011
12 of 18
NXP Semiconductors
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
Fig 13. Package outline SOT337-1 (SSOP14)
UNIT
A1
A2
A3
bp
cD (1)
E (1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.21
0.05
1.80
1.65
0.25
0.38
0.25
0.20
0.09
6.4
6.0
5.4
5.2
0.65
1.25
0.2
7.9
7.6
1.03
0.63
0.9
0.7
1.4
0.9
8
0
o
o
0.13
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT337-1
99-12-27
03-02-19
(1)
w M
bp
D
HE
E
Z
e
c
v M A
X
A
y
1
7
14
8
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
MO-150
pin 1 index
0
2.5
5 mm
scale
SSOP14: plastic shrink small outline package; 14 leads; body width 5.3 mm
SOT337-1
A
max.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com