Electronic Components Datasheet Search
  English  ▼

X  

74LVC07ABQ Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC07ABQ
Description  Hex buffer with open-drain outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC07ABQ Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC07ABQ Datasheet HTML 1Page - NXP Semiconductors 74LVC07ABQ Datasheet HTML 2Page - NXP Semiconductors 74LVC07ABQ Datasheet HTML 3Page - NXP Semiconductors 74LVC07ABQ Datasheet HTML 4Page - NXP Semiconductors 74LVC07ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC07ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC07ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC07ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC07ABQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
74LVC07A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 October 2011
5 of 14
NXP Semiconductors
74LVC07A
Hex buffer with open-drain outputs
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 C.
10. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 C and VCC = 1.2 V, 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
(C
L  VCC
2
 f
o) = sum of the outputs
ICC
supply current
VI =VCC or GND; IO =0A;
VCC = 5.5 V
-0.1
10
-40
A
I
CC
additional
supply current
per input pin;
VI =VCC  0.6 V; IO =0A;
VCC = 2.7 V to 5.5 V
-
5
500
-
5000
A
CI
input
capacitance
VCC = 0 V to 5.5 V;
VI =GND to VCC
-
5.0
--
-pF
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 7.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tPZL
OFF-state to LOW
propagation delay
nA to nY; see Figure 6
VCC = 1.2 V
-
8.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
0.5
1.7
5.5
0.5
6.5
ns
VCC = 2.3 V to 2.7 V
0.5
1.2
2.8
0.5
3.5
ns
VCC = 2.7 V
0.5
1.8
3.3
0.5
4.5
ns
VCC = 3.0 V to 3.6 V
0.5
1.2
3.6
0.5
4.5
ns
VCC = 4.5 V to 5.5 V
0.5
1.6
2.6
0.5
3.5
ns
tPLZ
LOW to OFF-state
propagation delay
nA to nY; see Figure 6
VCC = 1.2 V
-
10
-
-
-
ns
VCC = 1.65 V to 1.95 V
0.5
3.0
5.5
0.5
6.5
ns
VCC = 2.3 V to 2.7 V
0.5
1.7
2.8
0.5
3.5
ns
VCC = 2.7 V
0.5
2.1
3.3
0.5
4.5
ns
VCC = 3.0 V to 3.6 V
0.5
2.5
3.6
0.5
4.5
ns
VCC = 4.5 V to 5.5 V
0.5
1.6
2.6
0.5
3.5
ns
CPD
power dissipation
capacitance
per buffer; VI =GND to VCC
[2]
VCC = 1.65 V to 1.95 V
-
6.5
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
6.9
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
7.2
-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com