Electronic Components Datasheet Search
  English  ▼

X  

BAV70S Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAV70S
Description  High-speed switching diodes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAV70S Datasheet(HTML) 2 Page - NXP Semiconductors

  BAV70S Datasheet HTML 1Page - NXP Semiconductors BAV70S Datasheet HTML 2Page - NXP Semiconductors BAV70S Datasheet HTML 3Page - NXP Semiconductors BAV70S Datasheet HTML 4Page - NXP Semiconductors BAV70S Datasheet HTML 5Page - NXP Semiconductors BAV70S Datasheet HTML 6Page - NXP Semiconductors BAV70S Datasheet HTML 7Page - NXP Semiconductors BAV70S Datasheet HTML 8Page - NXP Semiconductors BAV70S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
BAV70_SER_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 27 November 2007
2 of 15
NXP Semiconductors
BAV70 series
High-speed switching diodes
2.
Pinning information
3.
Ordering information
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
BAV70; BAV70T; BAV70W
1
anode (diode 1)
2
anode (diode 2)
3
common cathode
BAV70M
1
anode (diode 1)
2
anode (diode 2)
3
common cathode
BAV70S
1
anode (diode 1)
2
anode (diode 2)
3
common cathode (diode 3
and diode 4)
4
anode (diode 3)
5
anode (diode 4)
6
common cathode (diode 1
and diode 2)
006aaa144
12
3
006aab034
1
3
2
3
1
2
Transparent
top view
006aab034
1
3
2
13
2
4
5
6
006aab104
13
6
2
54
Table 4.
Ordering information
Type number
Package
Name
Description
Version
BAV70
-
plastic surface-mounted package; 3 leads
SOT23
BAV70M
SC-101
leadless ultra small plastic package; 3 solder lands;
body 1.0
× 0.6 × 0.5 mm
SOT883
BAV70S
SC-88
plastic surface-mounted package; 6 leads
SOT363
BAV70T
SC-75
plastic surface-mounted package; 3 leads
SOT416
BAV70W
SC-70
plastic surface-mounted package; 3 leads
SOT323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com