Electronic Components Datasheet Search
  English  ▼

X  

PCF2116CHZ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF2116CHZ
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116CHZ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF2116CHZ Datasheet HTML 3Page - NXP Semiconductors PCF2116CHZ Datasheet HTML 4Page - NXP Semiconductors PCF2116CHZ Datasheet HTML 5Page - NXP Semiconductors PCF2116CHZ Datasheet HTML 6Page - NXP Semiconductors PCF2116CHZ Datasheet HTML 7Page - NXP Semiconductors PCF2116CHZ Datasheet HTML 8Page - NXP Semiconductors PCF2116CHZ Datasheet HTML 9Page - NXP Semiconductors PCF2116CHZ Datasheet HTML 10Page - NXP Semiconductors PCF2116CHZ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
1997 Apr 07
7
Philips Semiconductors
Product specification
LCD controller/drivers
PCF2116 family
7
PIN FUNCTIONS
7.1
RS: register select (parallel control)
RS selects the register to be accessed for read and write
when the device is controlled by the parallel interface.
RS = logic 0 selects the instruction register for write and
the Busy Flag and Address Counter for read. RS = logic 1
selects the data register for both read and write. There is
an internal pull-up on pin RS.
7.2
R/W: read/write (parallel control)
R/W selects either the read (R/W = logic 1) or write
(R/W = logic 0) operation when control is by the parallel
interface. There is an internal pull-up on this pin.
7.3
E: data bus clock
The E pin is set HIGH to signal the start of a read or write
operation when the device is controlled by the parallel
interface. Data is clocked in or out of the chip on the
negative edge of the clock. Note that this pin must be tied
to logic 0 (VSS) when I2C-bus control is used.
7.4
DB0 to DB7: data bus
The bidirectional, 3-state data bus transfers data between
the system controller and the PCF2116. DB7 may be used
as the Busy Flag, signalling that internal operations are not
yet completed. In 4-bit operations the 4 higher order lines
DB4 to DB7 are used; DB0 to DB3 must be left open
circuit. There is an internal pull-up on each of the data
lines. Note that these pins must be left open circuit when
I2C-bus control is used.
7.5
C1 to C60: column driver outputs
These pins output the data for pairs of columns.
This arrangement permits optimized chip-on-glass (COG)
layout for 4-line by 12 characters.
7.6
R1 to R32: row driver outputs
These pins output the row select waveforms to the left and
right halves of the display.
7.7
VLCD: LCD power supply
Negative power supply for the liquid crystal display.
This may be generated on-chip or supplied externally.
7.8
V0: VLCD control input
The input level at this pin determines the generated VLCD
output voltage.
7.9
OSC: oscillator
When the on-chip oscillator is used this pin must be
connected to VDD. An external clock signal, if used, is input
at this pin.
7.10
SCL: serial clock line
Input for the I2C-bus clock signal.
7.11
SDA: serial data line
Input/output for the I2C-bus data line.
7.12
SA0: address pin
The hardware sub-address line is used to program the
device sub-address for 2 different PCF2116s on the same
I2C-bus.
7.13
T1: test pad
Must be connected to VSS. Not user accessible.
8
FUNCTIONAL DESCRIPTION (see Fig.1)
8.1
LCD supply voltage generator, PCF2114x and
PCF2116x
The on-chip voltage generator is controlled by bit G of the
‘Function set’ instruction and V0.
V0 is a high-impedance input and draws no current from
the system power supply. Its range is between VSS and
VDD − 1 V. When V0 is connected to VDD the generator is
switched off and an external voltage must be supplied to
pin VLCD. This may be more negative than VSS.
When G = logic 1 the generator produces a negative
voltage at pin VLCD, controlled by the input voltage at
pin V0. The LCD operating voltage is given by the
relationship:
VOP = 1.8VDD − V0
Where:
VOP =VDD − VLCD
VLCD =V0 − (0.8VDD)
When G = logic 0, the generated output voltage VLCD is
equal to V0 (between VSS and VDD). In this instance:
VOP =VDD − V0
When VLCD is generated on-chip the VLCD pin should be
decoupled to VDD with a suitable capacitor. VDD and V0
must be selected to limit the maximum value of VOP to 9 V.
Figure 3 shows the two generator control characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com