Electronic Components Datasheet Search
  English  ▼

X  

PCF8583PN Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8583PN
Description  Clock and calendar with 240 X 8-bit RAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8583PN Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8583PN Datasheet HTML 10Page - NXP Semiconductors PCF8583PN Datasheet HTML 11Page - NXP Semiconductors PCF8583PN Datasheet HTML 12Page - NXP Semiconductors PCF8583PN Datasheet HTML 13Page - NXP Semiconductors PCF8583PN Datasheet HTML 14Page - NXP Semiconductors PCF8583PN Datasheet HTML 15Page - NXP Semiconductors PCF8583PN Datasheet HTML 16Page - NXP Semiconductors PCF8583PN Datasheet HTML 17Page - NXP Semiconductors PCF8583PN Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
PCF8583
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 6 October 2010
14 of 37
NXP Semiconductors
PCF8583
Clock and calendar with 240 x 8-bit RAM
In the 50 Hz clock mode or event-counter mode the oscillator is disabled and the oscillator
input is switched to a high-impedance state. This allows the user to feed the 50 Hz
reference frequency or an external high speed event signal into the input OSCI.
7.11 Initialization
When power-on occurs the I2C-bus interface, the control and status register and all clock
counters are reset. The device starts time-keeping in the 32.768 kHz clock mode with the
24 hour format on the first of January at 0.00.00:00. A 1 Hz square wave with 50 % duty
cycle appears at the interrupt output pin (starts HIGH).
The stop counting flag of the control and status register must be set before loading the
actual time into the counters. Loading of illegal states leads to a temporary clock
malfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com