Electronic Components Datasheet Search
  English  ▼

X  

PCF8583P Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF8583P
Description  Clock and calendar with 240 X 8-bit RAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8583P Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF8583P Datasheet HTML 15Page - NXP Semiconductors PCF8583P Datasheet HTML 16Page - NXP Semiconductors PCF8583P Datasheet HTML 17Page - NXP Semiconductors PCF8583P Datasheet HTML 18Page - NXP Semiconductors PCF8583P Datasheet HTML 19Page - NXP Semiconductors PCF8583P Datasheet HTML 20Page - NXP Semiconductors PCF8583P Datasheet HTML 21Page - NXP Semiconductors PCF8583P Datasheet HTML 22Page - NXP Semiconductors PCF8583P Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
PCF8583
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 6 October 2010
19 of 37
NXP Semiconductors
PCF8583
Clock and calendar with 240 x 8-bit RAM
9.
Limiting values
[1]
Pass level; Human Body Model (HBM), according to Ref. 5 “JESD22-A114”.
[2]
Pass level; Machine Model (MM), according to Ref. 6 “JESD22-A115”.
[3]
Pass level; latch-up testing according to Ref. 7 “JESD78” at maximum ambient temperature (Tamb(max)).
[4]
According to the NXP store and transport requirements (see Ref. 9 “NX3-00092”) the devices have to be
stored at a temperature of +8
°C to +45 °C and a humidity of 25 % to 75 %. For long term storage products
deviant conditions are described in that document.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.8
+7.0
V
IDD
supply current
-
50
mA
ISS
ground supply current
-
50
mA
VI
input voltage
−0.8
VDD + 0.8
V
II
input current
-
10
mA
IO
output current
-
10
mA
Ptot
total power dissipation
-
300
mW
Po
output power
-
50
mW
VESD
electrostatic discharge
voltage
HBM
[1]
-
±3000
V
MM
[2]
-
±200
V
Ilu
latch-up current
[3]
-
100
mA
Tstg
storage temperature
[4]
−65
+150
°C
Tamb
ambient temperature
operating device
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com