Electronic Components Datasheet Search
  English  ▼

X  

PCF2116GHZ Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PCF2116GHZ
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116GHZ Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PCF2116GHZ Datasheet HTML 41Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 42Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 43Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 44Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 45Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 46Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 47Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 48Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
Table 7
8-bit operation, 2-line display example; using internal reset
STEP
INSTRUCTION
DISPLAY
OPERATION
1
power supply on (PCF2116 is initialized by the internal reset
function)
Initialized. No display appears.
2
function set
Sets to 8-bit operation, selects 2-line display and voltage
generator off.
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0000111000
3
display on/off control
_
Turns on display and cursor. Entire display is blank after
initialization.
0000001110
4
entry mode set
_
Sets mode to increment the address by 1 and to shift the
cursor to the right at the time of write to the CG/DDRAM.
Display is not shifted.
0000000110
5
Write data to CGRAM/DDRAM
P_
Writes ‘P’. The DDRAM has already been selected by
initialization at power-on. The cursor is incremented by 1
and shifted to the right.
w
1001010000
6
|
|
|
7
write data to CGRAM/DDRAM
PHILIPS_
Writes ‘S’.
1001010011
8
set DDRAM address
PHILIPS
Sets DDRAM address to position the cursor at the head of
the 2nd line.
0011000000
_
9
write data to CGRAM/ DDRAM
PHILIPS
Writes ‘M’.
1001001101
M_
10
|
|
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com