Electronic Components Datasheet Search
  English  ▼

X  

PCF8576DU/2DA/2,02 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8576DU/2DA/2,02
Description  Universal LCD driver for low multiplex rates
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DU/2DA/2,02 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8576DU/2DA/2,02 Datasheet HTML 17Page - NXP Semiconductors PCF8576DU/2DA/2,02 Datasheet HTML 18Page - NXP Semiconductors PCF8576DU/2DA/2,02 Datasheet HTML 19Page - NXP Semiconductors PCF8576DU/2DA/2,02 Datasheet HTML 20Page - NXP Semiconductors PCF8576DU/2DA/2,02 Datasheet HTML 21Page - NXP Semiconductors PCF8576DU/2DA/2,02 Datasheet HTML 22Page - NXP Semiconductors PCF8576DU/2DA/2,02 Datasheet HTML 23Page - NXP Semiconductors PCF8576DU/2DA/2,02 Datasheet HTML 24Page - NXP Semiconductors PCF8576DU/2DA/2,02 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
PCF8576D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 14 — 10 June 2013
21 of 57
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
7.10.1 Data pointer
The addressing mechanism for the display RAM is realized using the data pointer. This
allows the loading of an individual display data byte, or a series of display data bytes, into
any location of the display RAM. The sequence commences with the initialization of the
data pointer by the load-data-pointer command (see Table 13). Following this command,
an arriving data byte is stored at the display RAM address indicated by the data pointer.
The filling order is shown in Figure 13. After each byte is stored, the content of the data
pointer is automatically incremented by a value dependent on the selected LCD drive
mode:
• In static drive mode by eight.
• In 1:2 multiplex drive mode by four.
• In 1:3 multiplex drive mode by three.
• In 1:4 multiplex drive mode by two.
If an I2C-bus data access terminates early then the state of the data pointer is unknown.
Consequently, the data pointer must be rewritten prior to further RAM accesses.
7.10.2 Subaddress counter
The storage of display data is determined by the contents of the subaddress counter.
Storage is allowed only when the content of the subaddress counter match with the
hardware subaddress applied to A0, A1, and A2. The subaddress counter value is defined
by the device-select command (see Table 14). If the content of the subaddress counter
and the hardware subaddress do not match then data storage is inhibited but the data
pointer is incremented as if data storage had taken place. The subaddress counter is also
incremented when the data pointer overflows.
The storage arrangements described lead to extremely efficient data loading in cascaded
applications. When a series of display bytes are sent to the display RAM, automatic
wrap-over to the next PCF8576D occurs when the last RAM address is exceeded.
Subaddressing across device boundaries is successful even if the change to the next
device in the cascade occurs within a transmitted character.
The hardware subaddress must not be changed while the device is being accessed on the
I2C-bus interface.
7.10.3 RAM writing in 1:3 multiplex drive mode
In 1:3 multiplex drive mode, the RAM is written as shown in Table 7 (see Figure 13 as
well).
Table 7.
Standard RAM filling in 1:3 multiplex drive mode
Assumption: BP2/S2, BP2/S5, BP2/S8 etc. are not connected to any elements on the display.
Display RAM
bits (rows)/
backplane
outputs (BPn)
Display RAM addresses (columns)/segment outputs (Sn)
0
1
2
3
4
5
6
7
8
9
:
0
a7
a4
a1
b7
b4
b1
c7
c4
c1
d7
:
1
a6
a3
a0
b6
b3
b0
c6
c3
c0
d6
:
2
a5
a2
-
b5
b2
-
c5
c2
-
d5
:
3
---
---
---
-:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com