Electronic Components Datasheet Search
  English  ▼

X  

ISP1507C Datasheet(PDF) 13 Page - NXP Semiconductors

Part # ISP1507C
Description  ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1507C Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button ISP1507C Datasheet HTML 9Page - NXP Semiconductors ISP1507C Datasheet HTML 10Page - NXP Semiconductors ISP1507C Datasheet HTML 11Page - NXP Semiconductors ISP1507C Datasheet HTML 12Page - NXP Semiconductors ISP1507C Datasheet HTML 13Page - NXP Semiconductors ISP1507C Datasheet HTML 14Page - NXP Semiconductors ISP1507C Datasheet HTML 15Page - NXP Semiconductors ISP1507C Datasheet HTML 16Page - NXP Semiconductors ISP1507C Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
ISP1507C_ISP1507D_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 28 May 2008
13 of 74
NXP Semiconductors
ISP1507C; ISP1507D
ULPI HS USB host and peripheral transceiver
8.
Modes of operation
8.1 ULPI modes
The ISP1507 ULPI bus can be programmed to operate in four modes. Each mode
reconfigures the signals on the data bus as described in the following subsections. Setting
more than one mode will lead to undefined behavior.
8.1.1 Synchronous mode
This is default mode. At power-up, and when CLOCK is stable, the ISP1507 will enter
synchronous mode. The link must synchronize all ULPI signals to CLOCK, meeting the
set-up and hold times as defined in Section 15. A description of the ULPI pin behavior in
synchronous mode is given in Table 3.
This mode is used by the link to perform the following tasks:
• High-speed detection handshake (chirp)
• Transmit and receive USB packets
• Read and write to registers
• Receive USB status updates (RXCMDs)
For more information on various synchronous mode protocols, see Section 9.
Table 3.
ULPI signal description
Signal
name
Direction on
ISP1507
Signal description
CLOCK
O
60 MHz interface clock. If a crystal is attached or a clock is driven into
the XTAL1 pin, the ISP1507 will drive a 60 MHz output clock.
DATA[7:0] I/O
8-bit data bus. In synchronous mode, the link drives DATA[7:0] to LOW
by default. The link initiates transfers by sending a nonzero data pattern
called TXCMD (transmit command). In synchronous mode, the direction
of DATA[7:0] is controlled by DIR. Contents of DATA[7:0] lines must be
ignored for exactly one clock cycle whenever DIR changes value. This is
called the turnaround cycle.
Data lines have fixed direction and different meaning in low-power and
serial modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com