Electronic Components Datasheet Search
  English  ▼

X  

TDA9331H Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA9331H
Description  I2C-bus controlled TV display processors
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9331H Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA9331H Datasheet HTML 12Page - NXP Semiconductors TDA9331H Datasheet HTML 13Page - NXP Semiconductors TDA9331H Datasheet HTML 14Page - NXP Semiconductors TDA9331H Datasheet HTML 15Page - NXP Semiconductors TDA9331H Datasheet HTML 16Page - NXP Semiconductors TDA9331H Datasheet HTML 17Page - NXP Semiconductors TDA9331H Datasheet HTML 18Page - NXP Semiconductors TDA9331H Datasheet HTML 19Page - NXP Semiconductors TDA9331H Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
2002 Jun 04
16
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV display processors
TDA933xH series
Table 54 Polarity of VD input pulse
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
THERMAL CHARACTERISTICS
VPOL
POLARITY
0
positive
1
negative
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
−
9.0
V
Tstg
storage temperature
−25
+150
°C
Tamb
ambient temperature
0
70
°C
Tsol
soldering temperature
for 5 s
−
260
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient in free air
60
K/W
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611E-part E”.
ESD protection
All pins are protected against ESD by internal protection
diodes, and meet the following specification:
• Human body model (R = 1.5 kΩ; C = 100 pF):
all pins >
±3000 V
• Machine model (R = 0 Ω; C = 200 pF):
all pins >
±300 V.
Latch-up performance
At an ambient temperature of 50
°C all pins meet the
following specification:
• Positive stress test: Itrigger ≥ 100 mA
or Vpin ≥ 1.5 × VCC(max)
• Negative stress test: Itrigger ≤−100 mA
or Vpin ≤−0.5 × VCC(max).
At an ambient temperature of 70
°C, all pins meet the
specification as mentioned above, with the exception of
pin 32, which can withstand a negative stress current of at
least 50 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com