Electronic Components Datasheet Search
  English  ▼

X  

PCA9511DP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9511DP
Description  Hot swappable I2C-bus and SMBus bus buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9511DP Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9511DP Datasheet HTML 1Page - NXP Semiconductors PCA9511DP Datasheet HTML 2Page - NXP Semiconductors PCA9511DP Datasheet HTML 3Page - NXP Semiconductors PCA9511DP Datasheet HTML 4Page - NXP Semiconductors PCA9511DP Datasheet HTML 5Page - NXP Semiconductors PCA9511DP Datasheet HTML 6Page - NXP Semiconductors PCA9511DP Datasheet HTML 7Page - NXP Semiconductors PCA9511DP Datasheet HTML 8Page - NXP Semiconductors PCA9511DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Philips Semiconductors
Product data sheet
PCA9511
Hot swappable I2C-bus and SMBus bus buffer
2
2006 Aug 23
DESCRIPTION
The PCA9511 is a are hot swappable I2C-bus and SMBus buffer
that allows I/O card insertion into a live backplane without corrupting
the data and clock buses. Control circuitry prevents the backplane
from being connected to the card until a STOP command or bus idle
occurs on the backplane without bus contention on the card. When
the connection is made, the PCA9511 provides bidirectional
buffering, keeping the backplane and card capacitances isolated.
The PCA9511 rise time accelerator circuitry allows the use of
weaker DC pull-up currents while still meeting rise time
requirements to prevent interference when there are multiple
devices in the same system. The PCA9511 incorporates a digital
ENABLE input pin, which enables the device when asserted HIGH
and forces the device into a low current mode when asserted LOW,
and an open-drain READY output pin, which indicates that the
backplane and card sides are connected together (HIGH) or not
(LOW).
During insertion, the PCA9511 SDA and SCL lines are precharged
to 1 V to minimize the current required to charge the parasitic
capacitance of the chip.
The dynamic offset design of the PCA9510/11/12/13/14 I/O drivers
allow them to be connected to another PCA9510/11/12/13/14 device
in series or in parallel and to the A side of the PCA9517. The
PCA9510/11/12/13/14 can not connect to the static offset I/Os used
on the PCA9515/15A/16/16A/17 B side and PCA9518.
APPLICATION
• cPCI, VME, AdvancedTCA cards and other multi-point backplane
cards that are required to be inserted or removed from an
operating system.
FEATURES
• Bidirectional buffer for SDA and SCL lines increases fanout and
prevents SDA and SCL corruption during live board insertion and
removal from multi-point backplane systems
• Compatible with I2C-bus Standard-mode, I2C-bus Fast-mode, and
SMBus standards
• ∆V/∆t rise time accelerators on all SDA and SCL lines
• Rise time accelerator threshold of 0.6 V
• Active HIGH ENABLE input
• Active HIGH READY open-drain output
• High-impedance SDA and SCL pins for V
CC = 0 V
• 1 V precharge on all SDA and SCL lines
• Supports clock stretching and multiple master
arbitration/synchronization
• Operating power supply voltage range: 2.7 V to 5.5 V
• 0 Hz to 400 kHz clock frequency
• ESD protection exceeds 2000 V HBM per JESD22-A114,
200 V MM per JESD22-A115, and 1000 V CDM per
JESD22-C101
• Latch-up testing is done to JEDEC Standard JESD78 which
exceeds 100 mA
• Packages offered: SO8, TSSOP8 (MSOP8)
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
TOPSIDE MARK
DRAWING NUMBER
8-pin plastic SO
–40
°C to +85 °C
PCA9511D
PCA9511
SOT96-1
8-pin plastic TSSOP (MSOP)
–40
°C to +85 °C
PCA9511DP
9511
SOT505-1
Standard packing quantities and other packaging data is available at www.standardproducts.philips.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com