Electronic Components Datasheet Search
  English  ▼

X  

6EP13 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 6EP13
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6EP13 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  6EP13 Datasheet HTML 1Page - List of Unclassifed Manufacturers 6EP13 Datasheet HTML 2Page - List of Unclassifed Manufacturers 6EP13 Datasheet HTML 3Page - List of Unclassifed Manufacturers 6EP13 Datasheet HTML 4Page - List of Unclassifed Manufacturers 6EP13 Datasheet HTML 5Page - List of Unclassifed Manufacturers 6EP13 Datasheet HTML 6Page - List of Unclassifed Manufacturers 6EP13 Datasheet HTML 7Page - List of Unclassifed Manufacturers 6EP13 Datasheet HTML 8Page - List of Unclassifed Manufacturers 6EP13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 114 page
background image
SIMOCODE 3UF Motor Management and Control Devices
7/5
Siemens LV 1 T · 2006
SIMOCODE pro 3UF7
motor management and control devices
■Overview
SIMOCODE pro is a flexible, modular motor management sys-
tem for motors with constant speeds in the low-voltage perfor-
mance range. It optimizes the connection between I&C and
motor feeder, increases plant availability and allows significant
savings to be made for startup, operation and maintenance of a
system.
When SIMOCODE pro is installed in the low-voltage switchgear
cabinet, it is the intelligent interface between the higher-level
automation system and the motor feeder and includes the
following:
• Multifunctional, solid-state full motor protection which is
independent of the automation system
• Flexible software instead of hardware for the motor control
• Detailed operational, service and diagnostics data
• Open communication through PROFIBUS DP, the standard for
fieldbus systems
■Design
General
SIMOCODE pro is a modularly constructed motor management
system which is subdivided into two device series with different
functional scopes:
• SIMOCODE pro C
• SIMOCODE pro V
Both series (systems) are made up of different hardware
components (modules):
Per feeder each system always comprises one basic unit and
one separate current measuring module. The two modules are
connected together electrically through the system interface
with a connection cable and can be mounted mechanically
connected as a unit (one behind the other) or separately (side
by side). The motor current to be monitored is decisive only for
the choice of current measuring module.
An operator panel for mounting in the control cabinet door is
optionally connectable through a second system interface on
the basic unit. Both the current measurement module and the
operator panel are electrically supplied by the basic unit through
the connection cable. More inputs, outputs and functions can be
added to basic unit 2 (SIMOCODE pro V) by means of optional
expansion modules, thus supplementing the inputs and outputs
already existing on the basic unit.
All modules are connected together by connection cables.
The connection cables are available in various lengths. The
maximum distance between the modules (e.g. between the
basic unit and the current measurement module) must not
exceed 2 m. The total length of all the connection cables in a
single system must not be more than 3 m.
SIMOCODE pro designed for mixed operation
Depending on functional requirements, the two systems can be
used simultaneously without any problems and without any addi-
tional outlay in a low-voltage system. SIMOCODE pro C is fully
upward-compatible to SIMOCODE pro V. The same compo-
nents are used. The parameterization of SIMOCODE pro C can
be transferred without any problems. Both systems have the
same removable terminals and the same terminal designations.
System
SIMOCODE pro C
SIMOCODE pro V
Modules
• Basic unit 1
• Basic unit 2
• Current measuring module
• Current measuring module or
current/voltage measuring
voltage
• Operator panel (optional)
• Operator panel (optional)
• Expansion modules
(optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com