Electronic Components Datasheet Search
  English  ▼

X  

TL601IP Datasheet(PDF) 4 Page - Texas Instruments

Part # TL601IP
Description  P-MOS ANALOG SWITCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL601IP Datasheet(HTML) 4 Page - Texas Instruments

  TL601IP Datasheet HTML 1Page - Texas Instruments TL601IP Datasheet HTML 2Page - Texas Instruments TL601IP Datasheet HTML 3Page - Texas Instruments TL601IP Datasheet HTML 4Page - Texas Instruments TL601IP Datasheet HTML 5Page - Texas Instruments TL601IP Datasheet HTML 6Page - Texas Instruments TL601IP Datasheet HTML 7Page - Texas Instruments TL601IP Datasheet HTML 8Page - Texas Instruments TL601IP Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Ioff
Switch off-state current
ron
Switch on-state resistance
Ω
ICC+ Supply current from VCC+
Logic
input(s) at
5.5 V,
All switch
terminals
open
TL607
Logic
input(s) at
5.5 V, All
switch
terminals
open
TL607
mA
ICC− Supply current from VCC−
mA
RL = 1 kΩ,
CL = 35 pF,
See Figure 2
ns
TL601, TL604, TL607, TL610
P-MOS ANALOG SWITCHES
D2161, JUNE 1976 — REVISED OCTOBER 1986
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
4
electrical characteristics over recommended operating free-air temperature range, VCC+ = 10 V,
VCC− = −20 V, analog switch test current = 1 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL6 _ _ C
TL6 _ _ M
TL6 _ _ I
UNIT
MIN
TYP‡
MAX
MIN
TYP‡
MAX
IIH
High-level input current
VI = 5.5 V
0.5
10
0.5
10
µA
IIL
Low-level input current
VI = 0.4 V
−50
− 250
−50
− 250
µA
VI(sw) = − 10 V,
TA = 25°C
− 500
− 400
pA
See Note 2
TA = MAX†
−10
−20
−50
− 100
nA
VI(sw) = 10 V,
IO(sw) = − 1 mA
TL601
TL604
TL607
75
200
55
100
TL610
40
100
40
80
VI(sw) = − 10 V,
IO(sw) = − 1 mA
TL601
TL604
TL607
220
600
220
400
TL610
120
300
120
300
roff
Switch off-state resistance
20
20
G
Ω
Con Switch on-state input capacitance VI(sw) = 0 V,
f = 1 MHz
16
16
pF
Coff Switch off-state input capacitance VI(sw) = 0 V,
f = 1 MHz
8
8
pF
TL601
TL604
5
10
5
10
ENABLE
high
5
10
5
10
ENABLE
low
3
5
3
5
TL610
5
10
5
10
TL601
TL604
− 1.2
− 2.5
− 1.2
− 2.5
ENABLE
high
− 2.5
−5
− 2.5
−5
ENABLE
low
− 0.05
− 0.5
− 0.05
− 0.5
TL610
− 1.2
− 2.5
− 1.2
− 2.5
† MAX is 70
°C for C-suffix types, 85°C for I-suffix types, and 125°C for M-suffix types.
‡ All typical values are at TA= 25°C except for loff at TA= MAX.
NOTE 2: The other terminal of the switch under test is at VCC+ = 10 V.
switching characteristics, VCC+ = 10 V, VCC− = −20 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
toff
Switch turn-off time
400
500
ton
Switch turn-on time
100
150



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com