Electronic Components Datasheet Search
  English  ▼

X  

IR2184 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2184
Description  HIGH AND LOW SIDE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2184 Datasheet(HTML) 1 Page - International Rectifier

  IR2184 Datasheet HTML 1Page - International Rectifier IR2184 Datasheet HTML 2Page - International Rectifier IR2184 Datasheet HTML 3Page - International Rectifier IR2184 Datasheet HTML 4Page - International Rectifier IR2184 Datasheet HTML 5Page - International Rectifier IR2184 Datasheet HTML 6Page - International Rectifier IR2184 Datasheet HTML 7Page - International Rectifier IR2184 Datasheet HTML 8Page - International Rectifier IR2184 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Data Sheet No. PD60172 Rev.G
Typical Connection
HIGH AND LOW SIDE DRIVER
Features
• Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
• Gate drive supply range from 10 to 20V
• Undervoltage lockout for both channels
• 3.3V and 5V input logic compatible
• Matched propagation delay for both channels
• Logic and power ground +/- 5V offset.
• Lower di/dt gate driver for better noise immunity
• Output source/sink current capability 1.4A/1.8A
• Also available LEAD-FREE (PbF)
IR21814
IR2181
IR2181(4)(S) &(PbF)
www.irf.com
1
V
CC
V
B
V
S
HO
LO
COM
HIN
LIN
up to 600V
TO
LOAD
V
CC
LIN
HIN
up to 600V
TO
LOAD
V
CC
V
B
V
S
HO
LO
COM
HIN
V
SS
LIN
V
CC
V
SS
LIN
HIN
(Refer to Lead Assignments for correct pin
configuration). This/These diagram(s) show
electrical connections only. Please refer to
our Application Notes and DesignTips for
proper circuit board layout.
Description
The IR2181(4)(S) are high voltage,
high speed power MOSFET and IGBT
drivers with independent high and low
side referenced output channels. Pro-
prietary HVIC and latch immune
CMOS technologies enable rugge-
dized monolithic construction. The logic input is compatible with standard CMOS or LSTTL output, down to
3.3V logic. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-
conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high side
configuration which operates up to 600 volts.
Part
Input
logic
Cross-
conduction
prevention
logic
Dead-Time
Ground Pins
Ton/Toff
2181
COM
21814
HIN/LIN
no
none
VSS/COM
180/220 ns
2183
Internal 500ns
COM
21834
HIN/LIN
yes
Program 0.4 ~ 5 us
VSS/COM
180/220 ns
2184
Internal 500ns
COM
21844
IN/SD
yes
Program 0.4 ~ 5 us
VSS/COM
680/270 ns
IR2181/IR2183/IR2184 Feature Comparison
Packages
14-Lead PDIP
IR21814
8-Lead PDIP
IR2181
14-Lead SOIC
IR21814S
8-Lead SOIC
IR2181S


Similar Part No. - IR2184

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2184 IRF-IR2184 Datasheet
181Kb / 8P
HALF-BRIDGE DRIVER
IR2184 IRF-IR2184 Datasheet
294Kb / 24P
Gate drive supply range from 10 to 20V
IR2184 IRF-IR2184 Datasheet
298Kb / 24P
Gate drive supply range from 10 to 20V
IR2184 IRF-IR2184 Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2184 IRF-IR2184 Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
More results

Similar Description - IR2184

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF Datasheet
338Kb / 19P
HIGH AND LOW SIDE DRIVER
IRS2106 IRF-IRS2106_15 Datasheet
1Mb / 25P
HIGH AND LOW SIDE DRIVER
IRS2181 IRF-IRS2181_15 Datasheet
1Mb / 23P
HIGH AND LOW SIDE DRIVER
IRS2607DSPBF IRF-IRS2607DSPBF_15 Datasheet
833Kb / 28P
HIGH AND LOW SIDE DRIVER
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Infineon Technologies A...
IR2101 INFINEON-IR2101 Datasheet
148Kb / 14P
HIGH AND LOW SIDE DRIVER
IRS2005PBF INFINEON-IRS2005PBF Datasheet
1Mb / 19P
High and Low Side Driver
April 23, 2020
IRS2101PBF INFINEON-IRS2101PBF Datasheet
1Mb / 15P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60250
logo
Shenzhen Huazhimei Semi...
HM2101 HMSEMI-HM2101 Datasheet
385Kb / 5P
High and Low Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com