Electronic Components Datasheet Search
  English  ▼

X  

IR2181S Datasheet(PDF) 3 Page - International Rectifier

Part # IR2181S
Description  HIGH AND LOW SIDE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2181S Datasheet(HTML) 3 Page - International Rectifier

  IR2181S Datasheet HTML 1Page - International Rectifier IR2181S Datasheet HTML 2Page - International Rectifier IR2181S Datasheet HTML 3Page - International Rectifier IR2181S Datasheet HTML 4Page - International Rectifier IR2181S Datasheet HTML 5Page - International Rectifier IR2181S Datasheet HTML 6Page - International Rectifier IR2181S Datasheet HTML 7Page - International Rectifier IR2181S Datasheet HTML 8Page - International Rectifier IR2181S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
IR2181(4) (S) & (PbF)
www.irf.com
3
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, VSS = COM, CL = 1000 pF, TA = 25°C.
Symbol
Definition
Min.
Typ.
Max. Units Test Conditions
ton
Turn-on propagation delay
—
180
270
VS = 0V
toff
Turn-off propagation delay
—
220
330
VS = 0V or 600V
MT
Delay matching, HS & LS turn-on/off
—
0
35
tr
Turn-on rise time
—
40
60
VS = 0V
tf
Turn-off fall time
—
20
35
VS = 0V
nsec
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V, VSS = COM and TA = 25°C unless otherwise specified. The VIL, VIH and IIN parameters are
referenced to VSS/COM and are applicable to the respective input leads HIN and LIN. The VO, IO and Ron parameters are
referenced to COM and are applicable to the respective output leads: HO and LO.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
Logic “1” input voltage (IR2181/IR21814 )
2.7
—
—
VCC = 10V to 20V
VIL
Logic “0” input voltage (IR2181/IR21814)
—
—
0.8
VCC = 10V to 20V
VOH
High level output voltage, VBIAS - VO
—
—
1.2
IO = 0A
VOL
Low level output voltage, VO
—
—
0.1
IO = 0A
ILK
Offset supply leakage current
—
—
50
VB = VS = 600V
IQBS
Quiescent VBS supply current
20
60
150
VIN = 0V or 5V
IQCC
Quiescent VCC supply current
50
120
240
VIN = 0V or 5V
IIN+
Logic “1” input bias current
—
25
60
VIN = 5V
IIN-
Logic “0” input bias current
—
—
1.0
VIN = 0V
VCCUV+
VCC and VBS supply undervoltage positive going
8.0
8.9
9.8
VBSUV+
threshold
VCCUV-
VCC and VBS supply undervoltage negative going
7.4
8.2
9.0
VBSUV-
threshold
VCCUVH
Hysteresis
0.3
0.7
—
VBSUVH
IO+
Output high short circuit pulsed current
1.4
1.9
—
VO = 0V,
PW
≤ 10 µs
IO-
Output low short circuit pulsed current
1.8
2.3
—
VO = 15V,
PW
≤ 10 µs
V
µA
V
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com