Electronic Components Datasheet Search
  English  ▼

X  

13C2000P Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # 13C2000P
Description  Low-cost, Stainless Steel, Isolated Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

13C2000P Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  13C2000P Datasheet HTML 1Page - Honeywell Solid State Electronics Center 13C2000P Datasheet HTML 2Page - Honeywell Solid State Electronics Center 13C2000P Datasheet HTML 3Page - Honeywell Solid State Electronics Center 13C2000P Datasheet HTML 4Page - Honeywell Solid State Electronics Center 13C2000P Datasheet HTML 5Page - Honeywell Solid State Electronics Center 13C2000P Datasheet HTML 6Page - Honeywell Solid State Electronics Center 13C2000P Datasheet HTML 7Page - Honeywell Solid State Electronics Center 13C2000P Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pressure Sensors
Low-cost, Stainless Steel, Isolated Sensors
13 mm Series
2 Honeywell
• Sensing and Control
PRESSURE SENSOR CHARACTERISTICS (all devices)
Environmental specifications
Compensated temperature range
0 °C to 82 °C [32 °F to 180 °F]
Operating temperature range
-40 °C to 125 °C [-40 °F to 257 °F]
Storage temperature range
-40 °C to 125 °C [-40 °F to 257 °F]
Vibration
10 G at 20 Hz to 2000 Hz
Shock
100 G for 11 ms
Life
1 million cycles min.
Insulation resistance
100 m
Ω at 50 Vdc
Maximum ratings
Voltage version “K”
Supply voltage V
S = +15 Vdc
Voltage version “L”
Supply current I
S = +2.0 mA
PERFORMANCE CHARACTERISTICS – COMPENSATED SERIES (1)
Characteristic
Minimum
Typical
Maximum
Units
Zero pressure offset
-2
0
+2
mV
Pressure non-linearity
(3)
–
±0.1
±0.25
%FSS
Pressure hysteresis
(3)
–
±0.015
±0.030
%FSS
Repeatability
–
±0.010
±0.030
%FSS
Temp. effect on span
(4)
–
±0.5
±1.0
%FSS
Temp. effect on offset
(4)
–
±0.5
±1.0
%FSS
Thermal hysteresis (0 °C to 82 °C [32 °F to 180 °F])
–
±0.1
±0.3
%FSS
Long-term stability of offset and span
(5)
–
±0.1
±0.3
%FSS
Response time
(6)
–
0.1
–
ms
Common mode voltage (voltage version “K”)
(9)
0.50
1.25
2.0
Vdc
Input resistance (current version “L”)
2.0
4.5
8.0
k
Ω
Input resistance (voltage version “K”)
8.0
25
50
k
Ω
Output resistance
3.0
4.5
6.0
k
Ω
PRESSURE RANGE SPECIFICATIONS – COMPENSATED SERIES
Catalog Listing
Pressure range
Full scale span (2)
Proof pressure (7)
Burst pressure (8)
13C 0500P (A,S) (1,4,5,6) (K,L)
0 psi to 500 psi
98 mV to 102 mV
1500 psi
2500 psi
13C 1000P (A,S) (1,4,5,6) (K,L)
0 psi to 1000 psi
98 mV to 102 mV
3000 psi
5000 psi
13C 2000P (A,S) (1,4,5,6) (K,L)
0 psi to 2000 psi
98 mV to 102 mV
6000 psi
10,000 psi
13C 3000P (A,S) (1,4,5,6) (K,L)
0 psi to 3000 psi
98 mV to 102 mV
9000 psi
10,000 psi
13C 5000P (A,S) (1,4,5,6) (K,L)
0 psi to 5000 psi
148 mV to 152 mV
10,000 psi
10,000 psi
NOTES
1. Reference conditions (unless otherwise noted): T
A = 25 °C [77 °F]; Supply VS = 10 Vdc ±0.01 Vdc or IS = 1.5 mA
±0.0015 mA.
2. Full-scale span (FSS) is the algebraic difference between the output voltage at full-scale pressure and the output at zero
pressure. FSS is ratiometric to supply voltage.
3. Pressure non-linearity is based on best-fit straight line from zero to the full-scale pressure. Pressure hysteresis is the
maximum output difference at any point within the operating pressure range for increasing and decreasing pressure.
4. Maximum error band of the offset voltage or span over the compensated temperature range, relative to the 25 °C [77 °F]
reading.
5. Long-term stability over a six-month period.
6. Response time for a 0 psi to FSS pressure step change, 10 % to 90 % rise time.
7. The maximum pressure that can be applied without changing the transducer’s performance or accuracy.
8. The maximum pressure that can be applied to a transducer without rupture of either the sensing element or transducer
case.
9. Common mode voltage as measure from output to ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com