Electronic Components Datasheet Search
  English  ▼

X  

PMLL4448 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMLL4448
Description  High-speed switching diodes Rev. 8 ??1 February 2011
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMLL4448 Datasheet(HTML) 1 Page - NXP Semiconductors

  PMLL4448 Datasheet HTML 1Page - NXP Semiconductors PMLL4448 Datasheet HTML 2Page - NXP Semiconductors PMLL4448 Datasheet HTML 3Page - NXP Semiconductors PMLL4448 Datasheet HTML 4Page - NXP Semiconductors PMLL4448 Datasheet HTML 5Page - NXP Semiconductors PMLL4448 Datasheet HTML 6Page - NXP Semiconductors PMLL4448 Datasheet HTML 7Page - NXP Semiconductors PMLL4448 Datasheet HTML 8Page - NXP Semiconductors PMLL4448 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
Single high-speed switching diodes, fabricated in planar technology, and encapsulated in
small hermetically sealed glass SOD80C Surface-Mounted Device (SMD) packages.
1.2 Features and benefits
High switching speed: trr ≤ 4ns
Reverse voltage: VR ≤ 75 V
Repetitive peak reverse voltage: VRRM ≤ 100 V
Repetitive peak forward current: IFRM ≤ 450 mA
Small hermetically sealed glass SMD package
1.3 Applications
High-speed switching
Reverse polarity protection
1.4 Quick reference data
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
When switched from IF = 10 mA to IR =60mA; RL = 100 Ω; measured at IR =1mA.
PMLL4148L; PMLL4448
High-speed switching diodes
Rev. 8 — 1 February 2011
Product data sheet
Table 1.
Product overview
Type number
Package
Configuration
PMLL4148L
SOD80C
single
PMLL4448
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
[1] --
200
mA
IFRM
repetitive peak forward
current
--
450
mA
VR
reverse voltage
-
-
75
V
VF
forward voltage
PMLL4148L
IF =50mA
-
-
1
V
PMLL4448
IF = 5 mA
620-
720mV
IF = 100 mA
-
-
1
V
trr
reverse recovery time
[2] --
4
ns


Similar Part No. - PMLL4448

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMLL4448 PHILIPS-PMLL4448 Datasheet
51Kb / 8P
High-speed diodes
1999 May 27
PMLL4448 PHILIPS-PMLL4448 Datasheet
67Kb / 11P
High-speed switching diodes
Rev. 06-4 April 2005
PMLL4448 NXP-PMLL4448 Datasheet
74Kb / 11P
High-speed switching diodes
Rev. 07-31 January 2007
PMLL4448 NXP-PMLL4448 Datasheet
122Kb / 11P
High-speed switching diodes
Rev. 8-1 February 2011
logo
Nexperia B.V. All right...
PMLL4448 NEXPERIA-PMLL4448 Datasheet
702Kb / 11P
High-speed switching diodes
Rev. 8 - 1 February 2011
More results

Similar Description - PMLL4448

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
High Speed SWITCHING Diodes
logo
NXP Semiconductors
Z0109MN0 NXP-Z0109MN0 Datasheet
640Kb / 17P
4Q Triac Rev. 3 ??12 May 2011
Rev. 3-12 May 2011
HEF4069UBT652 NXP-HEF4069UBT652 Datasheet
128Kb / 17P
Hex inverter Rev. 8 ??16 November 2011
Rev. 8-16 November 2011
logo
List of Unclassifed Man...
ISP1763AETTM ETC2-ISP1763AETTM Datasheet
3Mb / 134P
Hi-Speed USB OTG controller Rev. 02 ??24 February 2011
logo
NXP Semiconductors
PTVS30VP1UTP NXP-PTVS30VP1UTP Datasheet
137Kb / 12P
High-temperature 600 W Transient Voltage Suppressor Rev. 1 ??11 October 2011
Rev. 1-11 October 2011
PESD3V3S1UL-315 NXP-PESD3V3S1UL-315 Datasheet
313Kb / 15P
Unidirectional ESD protection diodes Rev. 3 ??25 October 2011
Rev. 3-25 October 2011
TJA1051T-118 PHILIPS-TJA1051T-118 Datasheet
189Kb / 21P
High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
TJA1020T-CM118 PHILIPS-TJA1020T-CM118 Datasheet
189Kb / 21P
High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
High-speed switching diodes
Rev. 6-18 March 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com