Electronic Components Datasheet Search
  English  ▼

X  

SP721ABP Datasheet(PDF) 4 Page - Littelfuse

Part # SP721ABP
Description  SP721 Series 3pF 4kV Diode Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP721ABP Datasheet(HTML) 4 Page - Littelfuse

  SP721ABP Datasheet HTML 1Page - Littelfuse SP721ABP Datasheet HTML 2Page - Littelfuse SP721ABP Datasheet HTML 3Page - Littelfuse SP721ABP Datasheet HTML 4Page - Littelfuse SP721ABP Datasheet HTML 5Page - Littelfuse SP721ABP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/24/13
TVS Diode Arrays (SPA®Diodes)
General Purpose ESD Protection - SP721 Series
Peak Transient Current Capability of the SP721
The peak transient current capability rises sharply as the
width of the current pulse narrows. Destructive testing
was done to fully evaluate the SP721’s ability to withstand
a wide range of peak current pulses vs time. The circuit
used to generate current pulses is shown in Figure 4.
The test circuit of Figure 4 is shown with a positive pulse
input. For a negative pulse input, the (-) current pulse input
goes to an SP721 ‘IN’ input pin and the (+) current pulse
input goes to the SP721 V- pin. The V+ to V- supply of the
SP721 must be allowed to float. (i.e., It is not tied to the
ground reference of the current pulse generator.) Figure
5 shows the point of overstress as defined by increased
leakage in excess of the data sheet published limits.
The maximum peak input current capability is dependent
on the ambient temperature, improving as the temperature
is reduced. Peak current curves are shown for ambient
temperatures of 25ºC and 105ºC and a 15V power supply
condition. The safe operating range of the transient peak
current should be limited to no more than 75% of the
measured overstress level for any given pulse width as
shown in the curves of Figure 5.
Note that adjacent input pins of the SP721 may be
paralleled to improve current (and ESD) capability. The
sustained peak current capability is increased to nearly
twice that of a single pin.
+
-
VOLTAGE
PROBE
+
-
R1 ~ 10 TYPICAL
VX
VX ADJ. 10V/ATYPICAL
R1
(-)
(+)
C1 ~ 100 µF
C1
VARIABLE TIME DURATION
CURRENT PULSE GENERA TOR
1
2
3
4
8
7
6
5
V+
IN
IN
IN
IN
IN
IN
V-
SP721
CURRENT
SENSE
FIGURE 5. TYPICAL SP721 PEAK CURRENT TEST CIRCUIT
WITH A VARIABLE PULSE WIDTH INPUT
0.001
0.01
0.1
1
10
7
6
5
4
3
2
1
0
100
1000
CAUTION: SAFE OPERATING CONDITIONS LIMIT
THE MAXIMUM PEAK CURRENT FOR A GIVEN
PULSE WIDTH TO BE NO GREATER THAN 75%
OF THE VALUES SHOWN ON EACH CURVE.
V+ TO V-SUPPLY = 15V
T
A = 25°C
T
A = 105°C
PULSE WIDTH TIME (ms)
Showing the Measured Point of Overstress in Amperes vs
pulse width time in milliseconds
Figure 5: SP721 Typical Single Peak Current Pulse
Capability
Figure 4: Typical SP721 Peak CurrentTest Circuit
with a Variable Pulse Width Input



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com