Electronic Components Datasheet Search
  English  ▼

X  

VSMP2018 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSMP2018
Description  Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSMP2018 Datasheet(HTML) 3 Page - Vishay Siliconix

  VSMP2018 Datasheet HTML 1Page - Vishay Siliconix VSMP2018 Datasheet HTML 2Page - Vishay Siliconix VSMP2018 Datasheet HTML 3Page - Vishay Siliconix VSMP2018 Datasheet HTML 4Page - Vishay Siliconix VSMP2018 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TABLE 5 - PERFORMANCES
TEST OR CONDITIONS
MIL-PRF-55342
CHARACTERISTIC E
R LIMITS
TYPICAL
R LIMITS
MAXIMUM
R LIMITS (1)
Thermal Shock, 100 x (- 65 °C to + 150 °C)
± 0.1 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
Low Temperature Operation, - 65 °C, 45 min at Pnom
± 0.1 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
Short Time Overload, 6.25 x Rated Power, 5 s
± 0.1 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
High Temperature Exposure, + 150 °C, 100 h
± 0.1 %
± 0.01 % (100 ppm)
± 0.02 % (200 ppm)
Resistance to Soldering Heat
± 0.2 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
Moisture Resistance
± 0.2 %
± 0.005 % (50 ppm)
± 0.02 % (200 ppm)
Load Life Stability + 70 °C for 2000 h at Rated Power
± 0.5 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
VSMP Series (0603, 0805, 1206, 1506, 2010, 2018, 2512) (Z-Foil)
Vishay Foil Resistors
Document Number: 63060
For any questions, contact: foil@vishaypg.com
www.vishayfoilresistors.com
Revision: 29-Oct-2012
3
Note
(1) As shown + 0.01
 to allow for measurement errors at low values
FIGURE 4 - RECOMMENDED MOUNTING
Notes
(1) IR and vapor phase reflow are recommended.
(2) Avoid the use of cleaning agents which could attack epoxy resins, which form part
of the resistor construction
(3) Vacuum pick up is recommended for handling
(4) If the use of a soldering iron becomes necessary, precautionary measures should
be taken to avoid any possible damage / overheating of the resistor
* Recommendation: The solder fillet profile should be such as to avoid running over
the top metallization
*
FIGURE 5 - VSMP0603 100 CYCLE
THERMAL SHOCK - 65 °C TO
150 °C, 10 UNITS EACH VALUE
100
80
60
40
20
0
- 20
- 40
VSMP0603
100R
VSMP0603
5K
VSMP0603
1K
FIGURE 6 - LOAD LIFE TEST FOR
10,000 HRS @0.3W, +70°C;
VSMP 1206, N=40
-500
-400
-300
-200
-100
0
100
200
300
400
500
0
1000
2000
3000
4000
5000
6000
7000
8000
9000 10000
R
(ppm)
Time (hrs)
10R
1K
12K
CRYOGENIC TEST
Different expansion/contraction rates of composite materials
in resistors may induce discontinuities during temperature
excursions that are not evident at temperature extremes,
making an unreliable resistor appear normal. A good resistor
must also return to its initial value with no resistance drift. In
this demo, a VFR VSMP0805 precision resistor is monitored
through the range of +25°C, down to -196°C and back up to
+25°C. Results confirm the VSMP0805 exhibits only 5
ppm/°C TCR, experiences no discontinuities, and returns to
its exact same starting value, showing absolutely no change
in resistance (< 1 ppm measurement accuracy).
FIGURE 7 - PRECISION RESISTOR IN
CRYOGENIC CONDITIONS -
ONLY 5 PPM/
°C
(PRODUCT DEMO)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com