Electronic Components Datasheet Search
  English  ▼

X  

174 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 174
Description  RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

174 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  174 Datasheet HTML 1Page - List of Unclassifed Manufacturers 174 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 CELL
RUGGED & LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
22
* 1 Single clip holds 2 batteries in place. *** 3 Clips hold 6 batteries in place.
Lightweight yet strong, constructed of aircraft grade aluminum. Batteries snap-fit securely into clips.
FIG. 1
FIG. 3
FIG. 4
FIG. 2
1 CELL
2 CELL
BATTERY CROSS REFERENCE
137
11
138
23
169
33
170
43
IEC
ANSI/NEDA
MANUFACTURERS
“AAA” CELL
“AA” CELL
“C” CELL
“D” CELL
“N” OR “12V” CELL
LITHIUM “2/3A” OR “CR123” CELL
139
11
140
23
171
33
182
43
189
22
192
44
193
64
173
11
174
2
3*
185
22
187
33
196
4
4**
197
64
175
11
176
2
3*
186
22
190
33
200
4
4**
201
64
205
6
4***
154
11
155
23
156
33
132
11
CR17345
5018LC
203P
1290
1290-79
REF. PAGE 31
1290-66
LR03
24A
LR6
15A
LR20
LR1
6LR61
1604A,
1604LC, 11604
7.2H5
910A
13A
14A
HOLDS
CAT.
NO. OF FIG.
NO.
CELLS
NO.
“9 VOLT” BATTERY
2 CELL
4 CELL
3 CELL
MODIFICATIONS
We welcome the opportunity to quote on variations of standard items. Use our engineering service for your custom-
built holders. Holders with PC and Quick-Fit terminals available on special order.
LR14
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
6 CELL
CAT. NO. 205
6 CELL
CAT. NO. 193
CAT. NO. 197
Contacts: Brass, Nickel Plate
Lugs: Brass, Tin Plate
Frame and Battery Clips: Aluminum
Insulating Washers: Moisture Proof Resin impregnated fiber
Energizer, Duracell,
Panasonic, Sanyo, Varta,
Rayovac, Tadiran
Energizer, Duracell,
Panasonic, Sanyo, Varta,
Rayovac, Tadiran
Energizer, Duracell,
Panasonic, Sanyo, Varta,
Rayovac, Tadiran
Energizer, Duracell,
Panasonic, Sanyo, Varta,
Rayovac, Tadiran
Energizer, Duracell,
Panasonic, Sanyo, Varta,
Rayovac, Tadiran
All major manufactures
Energizer, Duracell,
Panasonic, Sanyo, Varta,
Rayovac, Tadiran
BATTERY .531 (13.4)
× 1.906 (48.4)
SIZE
.565 (14.5)
1.988 (50.5)
(
O.D.
L
)
BATTERY .875 (22.2)
× 1.875 (47.6)
SIZE
1.125 (28.6)
1.969 (50.0)
(
O.D.
L
)
BATTERY 1.187 (30.1)
× 2.312 (58.7)
SIZE
1.375 (34.9)
2.412 (61.3)
(
O.D.
L
)
BATTERY .375 (9.5)
× 1.673 (42.5)
SIZE
.468 (11.9)
1.752 (44.5)
(
O.D.
L
)
BATTERY .375 (9.5)
× 1.110(28.2)
SIZE
.468 (11.9)
1.189 (30.2)
(
O.D.
L
)
M60 Section 1 FRev2
11/25/11
1:36 PM
Page 24


Similar Part No. - 174

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
174 ADAFRUIT-174 Datasheet
164Kb / 2P
Barebones AVR dev. board
logo
Keystone Electronics Co...
174 KEYSTONE-174 Datasheet
418Kb / 1P
RUGGED & LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
31-07 20th
logo
TE Connectivity Ltd
174-09 TEC-174-09 Datasheet
689Kb / 29P
FLAT AND ROUND CABLE
logo
Gilway Technical Lamp
174-1 GILWAY-174-1 Datasheet
44Kb / 1P
Unbased Lens-End Lamps
logo
TE Connectivity Ltd
174-10 TEC-174-10 Datasheet
689Kb / 29P
FLAT AND ROUND CABLE
More results

Similar Description - 174

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BH-25 ADAM-TECH-BH-25 Datasheet
155Kb / 1P
BATTERY HOLDERS COIN CELL BATTERY HOLDERS
logo
Elektron Components Ltd...
BX0011 BULGIN-BX0011 Datasheet
95Kb / 1P
BATTERY HOLDERS Panel Mounting
BX0016 BULGIN-BX0016 Datasheet
107Kb / 1P
BATTERY HOLDERS
BX0034 BULGIN-BX0034 Datasheet
462Kb / 7P
Battery Holders
logo
List of Unclassifed Man...
146 ETC2-146 Datasheet
355Kb / 1P
INTERCONNECT BATTERY HOLDERS
12BH331C-GR ETC2-12BH331C-GR Datasheet
147Kb / 1P
3 AA Battery Holders
logo
Adam Technologies, Inc.
BH-13-3 ADAM-TECH-BH-13-3 Datasheet
81Kb / 1P
BATTERY HOLDERS
BH-21-3 ADAM-TECH-BH-21-3 Datasheet
85Kb / 1P
BATTERY HOLDERS
logo
Laird Tech Smart Techno...
S5156WB LSTD-S5156WB Datasheet
350Kb / 1P
Rugged, lightweight, and water resistant
S24512BPX LSTD-S24512BPX Datasheet
468Kb / 1P
Rugged, lightweight and water resistant
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com