Electronic Components Datasheet Search
  English  ▼

X  

AT90USB1286 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT90USB1286
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB1286 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT90USB1286 Datasheet HTML 17Page - ATMEL Corporation AT90USB1286 Datasheet HTML 18Page - ATMEL Corporation AT90USB1286 Datasheet HTML 19Page - ATMEL Corporation AT90USB1286 Datasheet HTML 20Page - ATMEL Corporation AT90USB1286 Datasheet HTML 21Page - ATMEL Corporation AT90USB1286 Datasheet HTML 22Page - ATMEL Corporation AT90USB1286 Datasheet HTML 23Page - ATMEL Corporation AT90USB1286 Datasheet HTML 24Page - ATMEL Corporation AT90USB1286 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 456 page
background image
21
7593L–AVR–09/12
AT90USB64/128
software protection are described in detail in “Memory programming” on page 359. “Memory pro-
gramming” on page 359 contains a detailed description on Flash data serial downloading using
the SPI pins or the JTAG interface.
Constant tables can be allocated within the entire program memory address space (see the LPM
– Load Program Memory instruction description and ELPM - Extended Load Program Memory
instruction description).
Timing diagrams for instruction fetch and execution are presented in “Instruction execution tim-
ing” on page 16.
Figure 6-1.
Program memory map.
6.2
SRAM data memory
Figure 6-2 shows how the Atmel AT90USB64/128 SRAM memory is organized.
The AT90USB64/128 is a complex microcontroller with more peripheral units than can be sup-
ported within the 64 location reserved in the Opcode for the IN and OUT instructions. For the
Extended I/O space from $060 - $0FF in SRAM, only the ST/STS/STD and LD/LDS/LDD instruc-
tions can be used.
The first 4,352/8,448 Data Memory locations address both the Register File, the I/O Memory,
Extended I/O Memory, and the internal data SRAM. The first 32 locations address the Register
file, the next 64 location the standard I/O Memory, then 160 locations of Extended I/O memory
and the next 4,096/8,192 locations address the internal data SRAM.
0x00000
Program memory
Application flash section
Boot flash section
Flash end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com