Electronic Components Datasheet Search
  English  ▼

X  

INA193AIDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA193AIDBVT
Description  CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA193AIDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA193AIDBVT Datasheet HTML 9Page - Texas Instruments INA193AIDBVT Datasheet HTML 10Page - Texas Instruments INA193AIDBVT Datasheet HTML 11Page - Texas Instruments INA193AIDBVT Datasheet HTML 12Page - Texas Instruments INA193AIDBVT Datasheet HTML 13Page - Texas Instruments INA193AIDBVT Datasheet HTML 14Page - Texas Instruments INA193AIDBVT Datasheet HTML 15Page - Texas Instruments INA193AIDBVT Datasheet HTML 16Page - Texas Instruments INA193AIDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LOAD
+12V
LOAD
GND
-12V
+5V
R
SHUNT
I
1
OUT
for
+12V
Common-Mode
INA193-INA198
V
IN+
V
IN-
V+
INA193-INA198
V+
V
IN+
V
IN-
GND
OUT
for
-12V
Common-Mode
R
SHUNT
I
2
INA193, INA194
INA195, INA196
INA197, INA198
www.ti.com
SBOS307F – MAY 2004 – REVISED FEBRUARY 2010
Figure 24. Monitor Bipolar Output Power-Supply Current
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): INA193 INA194 INA195 INA196 INA197 INA198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com