Electronic Components Datasheet Search
  English  ▼

X  

ISO35MDW Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ISO35MDW
Description  ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO35MDW Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO35MDW Datasheet HTML 12Page - Texas Instruments ISO35MDW Datasheet HTML 13Page - Texas Instruments ISO35MDW Datasheet HTML 14Page - Texas Instruments ISO35MDW Datasheet HTML 15Page - Texas Instruments ISO35MDW Datasheet HTML 16Page - Texas Instruments ISO35MDW Datasheet HTML 17Page - Texas Instruments ISO35MDW Datasheet HTML 18Page - Texas Instruments ISO35MDW Datasheet HTML 19Page - Texas Instruments ISO35MDW Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ISO15, ISO35
ISO15M, ISO35M
SLOS580F
– MAY 2008 – REVISED JANUARY 2012
www.ti.com
REVISION HISTORY
Changes from Original (May 2008) to Revision A
Page
•
Changed L(101) Minimum air gap (Clearance) From 7.7mm To 8.34mm. ........................................................................ 10
•
Deleted CSA information from the Regulatory Information Table. ..................................................................................... 10
•
Changed From 40014131 To 40016131 ............................................................................................................................. 10
Changes from Revision A (June 2008) to Revision B
Page
•
Changed From: 4000-Vpeak Isolation To: 4000-Vpeak Isolation, 560-Vpeak VIORM UL 1577, IEC 60747-5-2 (VDE
0884, Rev 2) ......................................................................................................................................................................... 1
•
Changed Figure 13, Full-Duplex Common-Mode Transient Immunity Test Circuit .............................................................. 8
Changes from Revision B (July 2008) to Revision C
Page
•
Added added IEC......Approved ............................................................................................................................................ 1
•
Added added CSA information column back in table ......................................................................................................... 10
Changes from Revision C (December 2008) to Revision D
Page
•
Changed Propagation delay values From:
μs To: ns in the DRIVER SWITCHING table .................................................... 3
Changes from Revision D (March 2009) to Revision E
Page
•
Added devices ISO15M and ISO35M to the data sheet ....................................................................................................... 1
•
Changed Description - From: The ISO15 and ISO35 are qualified for use from
–40°C to 85°C. To: The ISO15M and
ISO35M have extended ambient temperature ratings of
–55°C to 125°C while the ISO15 and ISO35 are specified
over
–40°C to 85°C. .............................................................................................................................................................. 1
•
Added the Product Information table .................................................................................................................................... 1
•
Added Added Ambient Temp information in the RECOMMENDED OPERATING CONDITIONS table .............................. 2
•
Added ISO15M and ISO35M to the Operating junction temperature in the RECOMMENDED OPERATING
CONDITIONS table ............................................................................................................................................................... 2
•
Changed the DRIVER ELECTRICAL table, IOZ High-impedance state output current - Test Condition VY or VZ = 12
V, VCC = 0 values From: TYP = -10 , MAX = - To: TYP = -, MAX = 90. .............................................................................. 3
•
Changed the DRIVER ELECTRICAL table, IOZ High-impedance state output current - Test Condition VY or VZ = –7
V values From: TYP = -, MAX = 90 To: TYP = -10, MAX = - ............................................................................................... 3
•
Added tr, tf limits for the ISO15M ans ISO35M devices ........................................................................................................ 3
•
Added IA or IB limits for the ISO15M ans ISO35M devices ................................................................................................... 4
•
Added pulse skew limits for the ISO15M ans ISO35M devices ........................................................................................... 4
•
Added tr, tf for the ISO15M ans ISO35M devices ................................................................................................................. 4
•
Added the Driver output pins Note for Figure 1 through Figure 4 ........................................................................................ 5
•
Changed the Driver output pins Note for eFigure 5 through Figure 6 .................................................................................. 6
•
Added Note 1 to Table 1 Driver Function Table ................................................................................................................... 9
•
Added Note 1 to Table 2 Receiver Function Table .............................................................................................................. 9
•
Changed Figure 19 - replaced curves ................................................................................................................................ 14
•
Changed Figure 20 - replaced curves ................................................................................................................................ 14
16
Submit Documentation Feedback
Copyright
© 2008–2012, Texas Instruments Incorporated
Product Folder Link(s): ISO15 ISO35 ISO15M ISO35M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com