Electronic Components Datasheet Search
  English  ▼

X  

LM833P Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM833P
Description  DUAL HIGH-SPEED AUDIO OPERATIONAL AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM833P Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM833P Datasheet HTML 7Page - Texas Instruments LM833P Datasheet HTML 8Page - Texas Instruments LM833P Datasheet HTML 9Page - Texas Instruments LM833P Datasheet HTML 10Page - Texas Instruments LM833P Datasheet HTML 11Page - Texas Instruments LM833P Datasheet HTML 12Page - Texas Instruments LM833P Datasheet HTML 13Page - Texas Instruments LM833P Datasheet HTML 14Page - Texas Instruments LM833P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
0.0001
0.001
0.01
0.1
1
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
f – Frequency – Hz
1k
10k
100k
V
= 15 V
V
= –15 V
V = 1 V
A = 1
R = 2 k
T = 25°C
CC+
CC–
O
rms
V
L
A
W
10
100
0.0001
0.001
0.01
0.1
1
0
1
2
3
4
5
6
7
8
9
VO – Output Voltage – Vrms
V
= 15 V
V
= –15 V
f = 2 kHz
R = 2 k
T = 25°C
CC+
CC–
L
A
W
A = 1
V
A = 10
V
A = 100
V
A = 1000
V
2
3
4
5
6
7
8
9
10
5
6
7
8
9
10 11 12 13 14 15 16 17 18
VCC+/–VCC– – Supply Voltage – V
Falling Edge
Rising Edge
V = 2/3(V
– V
)
A = 1
R = 2 k
T = 25°C
D
W
IN
CC+
CC–
V
L
A
2
3
4
5
6
7
8
9
10
-55
-35
-15
5
25
45
65
85
105
125
TA – Temperature – °C
V
= 15 V
V
= –15 V
CC+
CC–
V = 20 V
A = 1
R = 2 k
D
W
IN
V
L
Falling Edge
Rising Edge
LM833
www.ti.com
SLOS481A – JULY 2010 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs
vs
FREQUENCY
OUTPUT VOLTAGE
SLEW RATE
SLEW RATE
vs
vs
SUPPLY VOLTAGE
TEMPERATURE
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): LM833



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com