Electronic Components Datasheet Search
  English  ▼

X  

SISH83 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # SISH83
Description  SMT Power Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SISH83 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  SISH83 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMT Power Inductor
SISH83 Type
25
: 100KHz, 0.1V
oC
Features
RoHS compliant.
Low profile (3.0mm max. height) SMD type.
Unshielded, suitabel for high density mounting.
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Ideal for power source circuits, DC-DC converter, DC-AC inverters
inductor application.
In addition to the standard versions shown here, customized inductors
are available to meet your exact requirements.
Electrical Characteristics:
74
0.10
1.00
10.00
100.00
CURRENT (A)
0.10
1.00
10.00
100.00
1000.00
102
681
471
331
221
151
101
680
470
330
220
150
100
6R8
4R7
3R3
2R2
1R5
1R0
2R7
R68
R33
SISH83 - 100
10
0.090
2.4
2.00
SISH83 - 150
15
0.120
2.0
1.50
SISH83 - 200
22
0.190
1.6
1.30
SISH83 - 330
33
0.250
1.4
1.10
SISH83 - 470
47
0.320
1.0
0.80
SISH83 - 680
68
0.550
0.9
0.70
SISH83 - 101
100
0.700
0.7
0.60
SISH83 - 151
150
1.000
0.6
0.50
SISH83 - 221
220
1.600
0.5
0.40
SISH83 - 331
330
2.200
0.4
0.30
SISH83 - 471
470
3.300
0.3
0.20
SISH83 - 681
680
4.400
0.2
0.10
SISH83 - 102
1000
7.000
0.1
0.05
PART NO.
1
L
(uH)
DCR
(
)MAX
Isat
(Adc)
2
3
Ir
(Adc)
Mechanical Dimension:
A
B
F
E
D
C
3.5
3.5
7.0
14.0
UNIT:mm/inch
A = 12.94 / 0.510 Max.
B = 9.4 / 0.370 Max.
C = 3.0 / 0.118 Max.
D = 7.7 0.2 / 0.303 0.008
E = 2.5 0.2 / 0.098 0.008
F = 2.5 0.2 / 0.098 0.008
RECOMMENDED PAD PATTERNS
1. Tolerance of inductance: 20%.
2. Isat is the DC current which cause the inductance drop less than 10% of its nominal inductance without current.
3. Ir is the DC current which cause the surface temperature of the part increase less than 45
4. Operating temperature : -20
to 105
(including self-temperature rise)
oC.
o
o
C
C
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG) 252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com


Similar Part No. - SISH83

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SISH811 DELTA-SISH811 Datasheet
221Kb / 1P
SMT Power Inductor
SISH811-100 DELTA-SISH811-100 Datasheet
221Kb / 1P
SMT Power Inductor
SISH811-101 DELTA-SISH811-101 Datasheet
221Kb / 1P
SMT Power Inductor
SISH811-102 DELTA-SISH811-102 Datasheet
221Kb / 1P
SMT Power Inductor
SISH811-150 DELTA-SISH811-150 Datasheet
221Kb / 1P
SMT Power Inductor
More results

Similar Description - SISH83

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
SMT Power Inductor
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
SMT SMT Power Inductor
ISL37-3R8 ICE-ISL37-3R8_08 Datasheet
317Kb / 2P
SMT Power Inductor
logo
XFMRS Inc.
XFHCL4LP-6R8M XFMRS-XFHCL4LP-6R8M Datasheet
65Kb / 1P
SMT POWER INDUCTOR
XFHCL4LP-100M XFMRS-XFHCL4LP-100M Datasheet
64Kb / 1P
SMT POWER INDUCTOR
XFTPRH74-681M XFMRS-XFTPRH74-681M Datasheet
45Kb / 1P
SMT POWER INDUCTOR
logo
Pulse A Technitrol Comp...
PA4345.101NLT PULSE-PA4345.101NLT_17 Datasheet
336Kb / 4P
SMT Power Inductor
PA4332.XXXNLT PULSE-PA4332.XXXNLT Datasheet
362Kb / 4P
SMT Power Inductor
PA4343.XXXNLT PULSE-PA4343.XXXNLT Datasheet
2Mb / 5P
SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com