Electronic Components Datasheet Search
  English  ▼

X  

EP4CE115 Datasheet(PDF) 1 Page - Altera Corporation

Part # EP4CE115
Description  Cyclone IV FPGA Device Family
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115 Datasheet(HTML) 1 Page - Altera Corporation

  EP4CE115 Datasheet HTML 1Page - Altera Corporation EP4CE115 Datasheet HTML 2Page - Altera Corporation EP4CE115 Datasheet HTML 3Page - Altera Corporation EP4CE115 Datasheet HTML 4Page - Altera Corporation EP4CE115 Datasheet HTML 5Page - Altera Corporation EP4CE115 Datasheet HTML 6Page - Altera Corporation EP4CE115 Datasheet HTML 7Page - Altera Corporation EP4CE115 Datasheet HTML 8Page - Altera Corporation EP4CE115 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CYIV-51001-1.5
© 2011 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX words and logos
are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other words and logos identified as
trademarks or service marks are the property of their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its
semiconductor products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any products and
services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any information, product, or service
described herein except as expressly agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying
on any published information and before placing orders for products or services.
Cyclone IV Device Handbook,
Volume 1
November 2011
Subscribe
ISO
9001:2008
Registered
1. Cyclone IV FPGA Device Family
Overview
Altera’s new Cyclone® IV FPGA device family extends the Cyclone FPGA series
leadership in providing the market’s lowest-cost, lowest-power FPGAs, now with a
transceiver variant. Cyclone IV devices are targeted to high-volume, cost-sensitive
applications, enabling system designers to meet increasing bandwidth requirements
while lowering costs.
Built on an optimized low-power process, the Cyclone IV device family offers the
following two variants:
■
Cyclone IV E—lowest power, high functionality with the lowest cost
■
Cyclone IV GX—lowest power and lowest cost FPGAs with 3.125 Gbps
transceivers
1 Cyclone IV E devices are offered in core voltage of 1.0 V and 1.2 V.
f For more information, refer to the Power Requirements for Cyclone IV Devices
chapter.
Providing power and cost savings without sacrificing performance, along with a
low-cost integrated transceiver option, Cyclone IV devices are ideal for low-cost,
small-form-factor applications in the wireless, wireline, broadcast, industrial,
consumer, and communications industries.
Cyclone IV Device Family Features
The Cyclone IV device family offers the following features:
■
Low-cost, low-power FPGA fabric:
■
6K to 150K logic elements
■
Up to 6.3 Mb of embedded memory
■
Up to 360 18 × 18 multipliers for DSP processing intensive applications
■
Protocol bridging applications for under 1.5 W total power
November 2011
CYIV-51001-1.5


Similar Part No. - EP4CE115

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE115 ALTERA-EP4CE115 Datasheet
698Kb / 42P
Cyclone IV Device Datasheet
EP4CE115 ALTERA-EP4CE115 Datasheet
698Kb / 42P
1. Cyclone IV Device Datasheet
EP4CE115 ALTERA-EP4CE115 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE115 ALTERA-EP4CE115 Datasheet
678Kb / 42P
Cyclone IV Device Datasheet
EP4CE115 ALTERA-EP4CE115 Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
More results

Similar Description - EP4CE115

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE6E22I7 ALTERA-EP4CE6E22I7 Datasheet
372Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE10U14I7N ALTERA-EP4CE10U14I7N Datasheet
372Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE115F23C8N ALTERA-EP4CE115F23C8N Datasheet
383Kb / 14P
Cyclone IV FPGA Device Faily Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com