Electronic Components Datasheet Search
  English  ▼

X  

SIL730 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # SIL730
Description  SMT Power Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SIL730 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  SIL730 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
o
25 C: 100KHz, 0.1V
SMT Power Inductor
SIL730 Type
RoHS compliant.
Small size (6.6mm*6.6mm), Low profile (3.0mm max. height) SMD type.
Magnetically shielded, suitable for high density mounting.
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Ideal for power source circuits, DC-DC converter,
DC-AC inverters inductor application.
In addition to the standard versions shown here,
customized inductors are available to meet your exact requirements.
Features
39
Electrical Characteristics:
0.00
0.01
0.10
1.00
10.00
CURRENT (A)
1.00
10.00
100.00
6R0
7R3
8R7
100
120
150
180
220
270
330
390
470
560
680
820
101
5R0
3R9
3R0
SIL730 - 1R0
1.0
0.010
5.60
SIL730A - 1R0
1.0
0.010
6.00
SIL730 - 1R5
1.5
0.018
4.20
SIL730A - 2R2
2.2
0.028
5.00
SIL730 - 3R0
3.0
0.024
3.00
SIL730C - 3R3
3.3
0.038
4.80
SIL730A - 3R6
3.6
0.028
4.00
SIL730 - 3R9
3.9
0.027
2.60
SIL730A - 4R7
4.7
0.040
3.60
SIL730C - 4R7
4.7
0.043
4.00
SIL730 - 5R0
5.0
0.031
2.40
SIL730 - 6R0
6.0
0.035
2.25
SIL730A - 6R6
6.6
0.054
3.00
SIL730 - 7R3
7.3
0.054
2.10
SIL730 - 8R6
8.6
0.058
1.85
SIL730 - 100
10.0
0.065
1.70
SIL730 - 120
12.0
0.070
1.55
SIL730 - 150
15.0
0.084
1.40
SIL730 - 180
18.0
0.095
1.32
SIL730 - 220
22.0
0.128
1.20
SIL730 - 270
27.0
0.142
1.05
SIL730 - 330
33.0
0.165
0.97
SIL730A - 330
33.0
0.172
1.30
SIL730 - 390
39.0
0.210
0.86
SIL730 - 470
47.0
0.238
0.80
SIL730A - 470
47.0
0.280
1.10
SIL730 - 560
56.0
0.277
0.73
SIL730 - 680
68.0
0.304
0.65
SIL730 - 820
82.0
0.390
0.60
SIL730 - 101
100.0
0.535
0.54
7.3
1.5
C
D
B
A
7.3
Mechanical Dimension:
UNIT:mm/inch
C = 3.0 / 0.118 Max.
UNIT:mm/inch
A = 7.0 / 0.276 Max.
B = 7.0 / 0.276 Max.
D = 2.0 0.1 / 0.079 0.004
RECOMMENDED PAD PATTERNS
1. Tolerance of inductance :
30%.
2. Irated is the DC current which cause the inductance drop less than 35% of its nominal inductance without current
o
and the surface temperature of the part increase less than 45 C.
oo
3. Operating temperature: -20 C to 105 C (including self-temperature rise).
2
Irated
(Adc)
PART NO.
DCR
(
) MAX
1
L
(uH)
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG) 252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com


Similar Part No. - SIL730

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SIL720 DELTA-SIL720 Datasheet
72Kb / 1P
SMT Power Inductor
SIL720-100 DELTA-SIL720-100 Datasheet
72Kb / 1P
SMT Power Inductor
SIL720-101 DELTA-SIL720-101 Datasheet
72Kb / 1P
SMT Power Inductor
SIL720-1R0 DELTA-SIL720-1R0 Datasheet
72Kb / 1P
SMT Power Inductor
SIL720-1R5 DELTA-SIL720-1R5 Datasheet
72Kb / 1P
SMT Power Inductor
More results

Similar Description - SIL730

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
SMT Power Inductor
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
SMT SMT Power Inductor
ISL37-3R8 ICE-ISL37-3R8_08 Datasheet
317Kb / 2P
SMT Power Inductor
logo
XFMRS Inc.
XFHCL4LP-6R8M XFMRS-XFHCL4LP-6R8M Datasheet
65Kb / 1P
SMT POWER INDUCTOR
XFHCL4LP-100M XFMRS-XFHCL4LP-100M Datasheet
64Kb / 1P
SMT POWER INDUCTOR
XFTPRH74-681M XFMRS-XFTPRH74-681M Datasheet
45Kb / 1P
SMT POWER INDUCTOR
logo
Pulse A Technitrol Comp...
PA4345.101NLT PULSE-PA4345.101NLT_17 Datasheet
336Kb / 4P
SMT Power Inductor
PA4332.XXXNLT PULSE-PA4332.XXXNLT Datasheet
362Kb / 4P
SMT Power Inductor
PA4343.XXXNLT PULSE-PA4343.XXXNLT Datasheet
2Mb / 5P
SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com