Electronic Components Datasheet Search
  English  ▼

X  

91A2C-R16-A Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 91A2C-R16-A
Description  91, 92, 93, 94, 95, 96, 99 - 5/8 ??Square Single-Turn Panel Control 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

91A2C-R16-A Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  91A2C-R16-A Datasheet HTML 1Page - Bourns Electronic Solutions 91A2C-R16-A Datasheet HTML 2Page - Bourns Electronic Solutions 91A2C-R16-A Datasheet HTML 3Page - Bourns Electronic Solutions 91A2C-R16-A Datasheet HTML 4Page - Bourns Electronic Solutions 91A2C-R16-A Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
NOTE: ALL MODEL 90 PERFORMANCE SPECIFICATIONS DO NOT APPLY TO UNITS SUBJECTED TO PRINTED CIRCUIT BOARD CLEANING PROCEDURES, EXCEPT FOR THE SEALED
VERSION (MODEL 96).
1
AT ROOM AMBIENT: +25 °C NOMINAL AND 50 % RELATIVE HUMIDITY NOMINAL, EXCEPT AS NOTED.
91, 92, 93, 94, 95, 96, 99 - 5/8 ” Square Single-Turn Panel Control
99 - 5/8 ” Square Single-Turn Panel Control with Rotary Switch
Mechanical Characteristics1
Stop Strength (1/4 ” D shaft)......................................................................................................................................................................45.19 N-cm (4 lb.-in.)
(1/8 ” D shaft) ....................................................................................................................................................................33.89 N-cm (3 lb.-in.)
Mechanical Angle ........................................................................................................................................................................................................300 ° ±5 °
Torque
Starting ....................................................................................................................................................................0.3 max. above average running torque
Running Torque
Single or Dual Section (A ,D & R Bushings) ..............................................................................................................0.21 to 1.06 N-cm (0.3 to 1.5 oz.-in.)
Single or Dual Section (C & U Bushings) ..................................................................................................................0.14 to 1.06 N-cm (0.2 to 1.5 oz.-in.)
Mounting ............................................................................................................................................(Metal Bushing) 1.7-2.0 N-m (15-18 lb.-in.) maximum
Plastic Bushing) 56-79 N-cm (5-7 lb.-in.) maximum
Variation ................................................................................................................................................0.35 N-cm (0.5 oz.-in.) maximum in 45 ° shaft travel
Weight (Single Section) ..................................................................................................................................................................................7 grams maximum
(Each Additional Section) ..........................................................................................................................................................................4 grams maximum
Terminals..........................................................................................................................................................Printed circuit terminals, J-Hooks or solder lugs
Soldering Condition ......................................................................Recommended hand soldering using Sn95/Ag5 no clean solder, 0.025 ” wire diameter.
Maximum temperature 399 °C (750 °F) for 3 seconds. No wash process to be used with no clean flux.
Marking............................................................................................................Manufacturer’s trademark, date code, resistance, manufacturer’s part number
Ganging (Multiple Section Potentiometers)......................................................................................................................................................2 cups maximum
Hardware ............................................One lockwasher and one mounting nut is shipped with each potentiometer, except where noted in the part number.
Potentiometer Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com