Electronic Components Datasheet Search
  English  ▼

X  

SIL720 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # SIL720
Description  SMT Power Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SIL720 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  SIL720 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
o
25 C: 100KHz, 0.1V
SMT Power Inductor
SIL720 & SIL725 Type
RoHS compliant.
Small size (6.6mm*6.6mm), Low profile, SMD type.
Magnetically shielded, suitable for high density mounting.
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Idel for power source circuits, DC-DC converter,
DC-AC inverters inductor application.
In addition to the standard versions shown here,
customized inductors are available to meet your exact requirements.
Features
40
Electrical Characteristics:
252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
SIL720 - 1R0
1.0
0.020
5.50
2.0
SIL720 - 1R5
1.5
0.027
4.50
2.0
SIL720 - 2R0
2.2
0.040
3.80
2.0
SIL720 - 2R7
2.7
0.049
3.30
2.0
SIL720 - 3R3
3.3
0.065
2.90
2.0
SIL720 - 4R4
4.4
0.070
2.40
2.0
SIL720 - 100
10.0
0.150
1.80
2.0
SIL720 - 470
47.0
0.720
0.80
2.0
SIL720 - 101
100.0
1.400
0.55
2.0
SIL725 - 3R3
3.3
0.043
2.90
2.5
SIL725 - 4R1
4.1
0.048
2.60
2.5
SIL725 - 100
10.0
0.150
1.60
2.5
SIL725 - 220
22.0
0.330
1.10
2.5
2
Irated
(Adc)
HEIGHT "C"
(mm) MAX
PART NO.
DCR
(
) MAX
1
L
(uH)
1. Tolerance of inductance :
30%.
2. Irated is the DC current which cause the inductance drop less than 35% of its nominal inductance without current
o
and the surface temperature of the part increase less than 45 C.
oo
3. Operating temperature: -20 C to 105 C (including self-temperature rise).
7.3
1.5
C
D
B
A
7.3
Mechanical Dimension:
UNIT:mm/inch
UNIT:mm/inch
A = 7.0 / 0.276 Max.
B = 7.0 / 0.276 Max.
D = 2.0 0.1 / 0.079 0.004
RECOMMENDED PAD PATTERNS


Similar Part No. - SIL720

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SIL730 DELTA-SIL730 Datasheet
170Kb / 1P
SMT Power Inductor
SIL730-100 DELTA-SIL730-100 Datasheet
170Kb / 1P
SMT Power Inductor
SIL730-101 DELTA-SIL730-101 Datasheet
170Kb / 1P
SMT Power Inductor
SIL730-120 DELTA-SIL730-120 Datasheet
170Kb / 1P
SMT Power Inductor
SIL730-150 DELTA-SIL730-150 Datasheet
170Kb / 1P
SMT Power Inductor
More results

Similar Description - SIL720

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
SMT Power Inductor
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
SMT SMT Power Inductor
ISL37-3R8 ICE-ISL37-3R8_08 Datasheet
317Kb / 2P
SMT Power Inductor
logo
XFMRS Inc.
XFHCL4LP-6R8M XFMRS-XFHCL4LP-6R8M Datasheet
65Kb / 1P
SMT POWER INDUCTOR
XFHCL4LP-100M XFMRS-XFHCL4LP-100M Datasheet
64Kb / 1P
SMT POWER INDUCTOR
XFTPRH74-681M XFMRS-XFTPRH74-681M Datasheet
45Kb / 1P
SMT POWER INDUCTOR
logo
Pulse A Technitrol Comp...
PA4345.101NLT PULSE-PA4345.101NLT_17 Datasheet
336Kb / 4P
SMT Power Inductor
PA4332.XXXNLT PULSE-PA4332.XXXNLT Datasheet
362Kb / 4P
SMT Power Inductor
PA4343.XXXNLT PULSE-PA4343.XXXNLT Datasheet
2Mb / 5P
SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com