Electronic Components Datasheet Search
  English  ▼

X  

TLC352IPW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC352IPW
Description  LinCMOS DUAL DIFFERENTAL COMPARATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC352IPW Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC352IPW Datasheet HTML 3Page - Texas Instruments TLC352IPW Datasheet HTML 4Page - Texas Instruments TLC352IPW Datasheet HTML 5Page - Texas Instruments TLC352IPW Datasheet HTML 6Page - Texas Instruments TLC352IPW Datasheet HTML 7Page - Texas Instruments TLC352IPW Datasheet HTML 8Page - Texas Instruments TLC352IPW Datasheet HTML 9Page - Texas Instruments TLC352IPW Datasheet HTML 10Page - Texas Instruments TLC352IPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TLC352
LinCMOS DUAL DIFFERENTIAL COMPARATOR
SLCS016A − SEPTEMBER 1985 − REVISED SEPTEMBER 2002
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Response time is defined as the interval between the application of an input step function and the instant when the
output reaches 50% of its maximum value. Response time, low-to-high-level output, is measured from the leading
edge of the input pulse, while response time, high-to-low level output, is measured from the trailing edge of the input
pulse. Response-time measurement at low input signal levels can be greatly affected by the input offset voltage. The
offset voltage should be balanced by the adjustment at the inverting input (as shown in Figure 3) so that the circuit
is just at the transition point. Then a low signal, for example 105-mV or 5-mV overdrive, causes the output to change
state.
10%
50%
50 %
Pulse Generator
VDD
10
Ω
10 Turn
1 V
−1 V
1 k
Ω
0.1 mF
CL
(see Note A)
1
µF
5.1 k
Ω
50
Ω
Input
Offset Voltage
Compensation
Adjustment
TEST CIRCUIT
tPLH
90%
10%
tPHL
tf
tr
90%
Input
Overdrive
Overdrive
Input
Low-to-High-
Level Output
High-to-Low-
Level Output
100 mV
100 mV
VOLTAGE WAVEFORMS
DUT
NOTE A: CL includes probe and jig capacitance.
Figure 3. Response, Rise, and Fall Times Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com