Electronic Components Datasheet Search
  English  ▼

X  

6003 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 6003
Description  TEST TIPS AND PLUGS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6003 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  6003 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATIONS: Tips: Brass, Nickel Plate
Handles: Nylon 6/6, Available in Red or Black
Rating: 10 Amps AC for 10º
0ºº C temperature rise, continuous duty
FORCE FIT SOLDERLESS TIPS
SENIOR
CAT. NO. 1690
JUNIOR
CAT. NO. 1680
THREADED SOLDERSLESS TIP
SENIOR
CAT. NO. 1691
JUNIOR
CAT. NO. 1681
INSULATED SOLDERLESS TIP
SENIOR
CAT. NO. 1660- RED
CAT. NO. 1661- BLACK
JUNIOR
CAT. NO. 1670- RED
CAT. NO. 1671- BLACK
HEAVY DUTY
CAT. NO. 3017 - RED
CAT. NO. 3018 - BLACK
CAT. NO. 3019 - TIP ONLY
NEEDLE TIPS
CAT. NO. 3015 - RED
CAT. NO. 3016 - BLACK
CAT. NO. 3014 - TIP ONLY
SOLDERLESS - .080 DIA. TIP PLUGS
Fully insulated molded nylon sleeve. Maximum reliability with minimum contact resistance.
Recessed metal head eliminates possibility of shock or grounding. Designed for solderless
connection of up to 16 gauge stranded wire which fits through handle and tip and is
secured by screwing handle tight. Current rating 10 Amps. Fits all standard tip jacks.
SELECTION OF COLORS
CAT. NO.
6000
6001
6002
COLOR
WHITE
RED
BLACK
CAT. NO.
6003
6004
6005
COLOR
GREEN
YELLOW
BLUE
MINIATURE - .080 DIA. TIP PLUGS
Designed for miniaturization where space is critical. Solder lead connection. Maximum
reliability with minimum contact resistance. Base of tip is recessed to eliminate shock or
grounding. Fits horizontal tip jacks. Current rating: 10 Amps.
SELECTION OF COLORS
CAT. NO.
6006
6007
6008
COLOR
WHITE
RED
BLACK
CAT. NO.
6009
6010
6011
COLOR
GREEN
YELLOW
BLUE
STREAMLINE TIPS
CAT. NO. 1615 - RED
CAT. NO. 1616 - BLACK
CAT. NO.
3022-12
3022-20
A
.120
.093
STANDARD PHONE TIPS
Ideal for replacement tip for headset, speaker, or extension cord. Cat. No. 1601 Tip
accommodates heavier wire.
CAT. NO. 1600
CAT. NO. 1601
ISO
9002
T I
F I ED
Q
U A L
I
31-07 20th Road • Astoria, New York 11105-2017 • (718) 956-8900 • FAX (718) 956-9040
e-mail: kec@keyelco.com • WebSite: keyelco.com
TEST TIPS & PLUGS
76


Similar Part No. - 6003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6003 ETC2-6003 Datasheet
373Kb / 1P
PLUGS AND JACKS
logo
3M Electronics
6003 3M-6003 Datasheet
1Mb / 8P
3M??Reusable Respirators
logo
Toshiba Semiconductor
6003-000333 TOSHIBA-6003-000333 Datasheet
5Mb / 70P
COLOUR TELEVISION
6003-000334 TOSHIBA-6003-000334 Datasheet
5Mb / 70P
COLOUR TELEVISION
6003-001023 TOSHIBA-6003-001023 Datasheet
5Mb / 70P
COLOUR TELEVISION
More results

Similar Description - 6003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44281-0001 MOLEX-44281-0001 Datasheet
68Kb / 2P
Mini-Fit??Test Plugs
logo
Pomona Electronics
6364 POMONA-6364 Datasheet
25Kb / 1P
Replacement Tips For 080 Series Test Probes
5676A POMONA-5676A Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
6354 POMONA-6354 Datasheet
23Kb / 1P
Replacement Tips For Test Probes
6475 POMONA-6475 Datasheet
37Kb / 2P
Test Probe Tips For 060 Series Probes
6218 POMONA-6218 Datasheet
27Kb / 1P
Test Probe Tips For 060 Series Probes
logo
3M Electronics
6473 3M-6473 Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
10-Jul-2002
logo
List of Unclassifed Man...
BU-4444-A-12-0 ETC2-BU-4444-A-12-0 Datasheet
177Kb / 1P
Test Lead with Stackable Pin Tips
logo
STMicroelectronics
AN1299 STMICROELECTRONICS-AN1299 Datasheet
724Kb / 30P
L638xE tricks and tips
01-Aug-2008
logo
Pepperl+Fuchs Inc.
TL175 PF-TL175 Datasheet
441Kb / 1P
Test Leads with adjustable length test tips
2021-06-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com