Electronic Components Datasheet Search
  English  ▼

X  

484 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 484
Description  ROUND INSTRUMENTATION HANDLES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

484 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  484 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
87
FERRULES
ROUND INSTRUMENTATION HANDLES
FERRULES FOR ROUND HANDLES
THREAD
A
B
D
C
R
E
• To protect and support panel surface
HANDLE MOUNTING SCREWS
MATERIAL: Stainless Steel
• Phillips drive pan head machine screws
L
THREAD
BRASS
ALUMINUM
A
B
D
E
R
C
CAT. NO.
CAT. NO.
MTG. CTRS.
HEIGHT
DEPTH
THREAD
RADIUS
DIAMETER
7140
7170
1.250 (31.8)
1.000 (25.4)
7141
7171
2.000 (50.8)
1.000 (25.4)
.375 (9.5)
4-40
.156 (4.0)
.156 (4.0)
7142
7172
3.000 (76.2)
1.000 (25.4)
9100
9110
1.250 (31.8)
.625 (15.9)
9101
9111
1.500 (38.1)
.625 (15.9)
9104
9114
1.500 (38.1)
.750 (19.1)
.156 (4.0)
4-40
.187 (4.7)
.187 (4.7)
9102
9112
1.750 (44.5)
.625 (15.9)
9105
9115
1.750 (44.5)
.750 (19.1)
9103
9113
2.000 (50.8)
.625 (15.9)
9106
9116
1.250 (31.8)
1.000 (25.4)
9107
9117
1.500 (38.1)
1.000 (25.4)
.250 (6.4)
6-32
.187 (4.7)
.187 (4.7)
9108
9118
2.000 (50.8)
1.000 (25.4)
9109
9119
3.000 (76.2)
1.000 (25.4)
7143
7173
3.000 (76.2 ) 1.500 (38.1)
485
515
3.000 (76.2)
1.750 (44.5)
480
510
3.500 (88.9)
1.500 (38.1)
7144
7174
4.000 (101.6) 1.500 (38.1)
486
516
4.000 (101.6) 1.750 (44.5)
481
511
4.500 (114.3) 1.500 (38.1) .562 (14.3)
8-32
.250 (6.4)
.250 (6.4)
487
517
4.500 (114.3) 1.750 (44.5)
482
512
5.000 (127.0) 1.500 (38.1)
488
518
5.000 (127.0) 1.750 (44.5)
483
513
5.500 (139.7) 1.500 (38.1)
484
514
6.000 (152.4) 1.500 (38.1)
489
519
6.000 (152.4) 1.750 (44.5)
7145
7175
3.000 (76.2)
1.500 (38.1)
7146
7176
4.000 (101.6) 1.500 (38.1)
493
523
4.000 (101.6) 1.750 (44.5)
490
520
4.500 (114.3) 1.500 (38.1)
494
524
4.500 (114.3) 1.750 (44.5)
7147
7177
4.562 (115.9)
1.500 (38.1) .562 (14.3)
10-32
.312 (7.9)
.312 (7.9)
491
521
5.000 (127.0) 1.500 (38.1)
495
525
5.000 (127.0) 1.750 (44.5)
492
522
5.500 (139.7) 1.500 (38.1)
7148
7178
6.000 (152.4) 1.500 (38.1)
496
526
6.000 (152.4) 1.750 (44.5)
7149
7179
6.437 (163.5) 1.750 (44.5)
7150
7180
4.000 (101.6) 1.375 (34.9)
.375 (9.5)
10-32
.375 (9.5)
.375 (9.5)
7151
7181
6.000 (152.4) 1.375 (34.9)
BRASS
ALUMINUM
FOR
FOR
CAT. NO.
CAT. NO.
THREAD DIAMETER
O.D.
I.D.
T
7162
7192
4-40
.156
.250
.120
.125
(4.0)
(6.4)
(3.0)
(3.2)
9120
9122
4-40
.187
.312
.120
.125
(4.7)
(7.9)
(3.0)
(3.2)
9121
9123
6-32
.187
.312
.144
.125
(4.7)
(7.9)
(3.7)
(3.2)
7163
7193
8-32
.250
.375
.170
.187
(6.4)
(9.5)
(4.3)
(4.7)
7164
7194
10-32
.312
.562
.196
.250
(7.9)
(14.3)
(5.0)
(6.4)
CAT.
L
DRIVER
NO.
LENGTH
THREAD
SIZE
9900
.250 (6.4)
9901
.375 (9.5)
4-40
1
9902
.500 (12.7)
9903
.250 (6.4)
9904
.375 (9.5)
6-32
2
9905
.500 (12.7)
9906
.375 (9.5)
9907
.500 (12.7)
8-32
2
9908
.750 (19.1)
9909
.375 (9.5)
9910
.500 (12.7)
10-32
2
9911
.750 (19.1)
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
O.D.
I.D.
T
MATERIAL:
Brass: ASTM-B16, Nickel Plate
Aluminum: QQ-A-200, Alloy 6061-T6,
Black Anodized per MIL-A-8625
MATERIAL:
Brass: ASTM-B16, Nickel Plate
Aluminum: QQ-A-200, Alloy 6061-T6, Black Anodized per MIL-A-8625
CHOICE of BRASS or ALUMINUM
M60Section5FREV2-color 4/4/13 5:15PM Page87


Similar Part No. - 484

ManufacturerPart #DatasheetDescription
logo
Bi technologies
484 BITECH-484 Datasheet
255Kb / 3P
Precision Potentiometer / Position Sensor
logo
3M Electronics
484 3M-484 Datasheet
220Kb / 2P
Electroplating/Anodizing Tape
logo
TT Electronics.
484 TTELEC-484 Datasheet
1Mb / 4P
Linear Precision Potentiometer
04/2019
logo
Everlight Electronics C...
484-10SURT EVERLIGHT-484-10SURT Datasheet
96Kb / 6P
3.0mm Very Wide Angle Type LED Lamps
484-10SURT-S530-A3 EVERLIGHT-484-10SURT-S530-A3 Datasheet
102Kb / 6P
3.0mm Very Wide Angle Type LED Lamps
More results

Similar Description - 484

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP598GA TOSHIBA-TLP598GA Datasheet
155Kb / 5P
Measurement Instrumentation
logo
List of Unclassifed Man...
7146 ETC2-7146 Datasheet
243Kb / 1P
ROUND INSTRUMENTATION HANDLE
S14-BLACK ETC2-S14-BLACK Datasheet
130Kb / 1P
INSTRUMENTATION CONNECTORS
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
INSTRUMENTATION AMPLIFIER
TP3094 TI1-TP3094_12 Datasheet
131Kb / 20P
Handles four voice channels
INA331 TI1-INA331_15 Datasheet
990Kb / 22P
INSTRUMENTATION AMPLIFIERS
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
Test Instrumentation
logo
Bel Fuse Inc.
LDE160-26 BEL-LDE160-26 Datasheet
722Kb / 4P
Instrumentation Equipment
LDP200-120 BEL-LDP200-120 Datasheet
698Kb / 5P
Instrumentation Equipment
logo
Keystone Electronics Co...
9121 KEYSTONE-9121 Datasheet
86Kb / 1P
INSTRUMENTATION HANDLES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com