Electronic Components Datasheet Search
  English  ▼

X  

9072 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9072
Description  INSULATED PC SPACERS/SUPPORTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9072 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9072 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9072 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT.
L
NO.
LENGTH
8822
.187 (4.7)
8823
.250 (6.4)
8824
.375 (9.5)
8825
.500 (12.7)
8826
.625 (15.9)
8827
.750 (19.1)
8828
.875 (22.2)
CAT.
L
NO.
LENGTH
9055
.125 (3.2)
9056
.187 (4.7)
9057
.250 (6.4)
9058
.375 (9.5)
9059
.500 (12.7)
9060
.625 (15.9)
78
• Board will be electrically insulated, eliminates need for insulating washers
• No tool required for installation • Easy snap-in assembly
REVERSE CHASSIS MOUNT SUPPORTS
• One end attaches to chassis with self adhesive pads
• No drilling to chassis required leaving outside in perfect condition
• Other end snap into .062 (1.57) board
• Board is easily releasable for repair or upgrade
FOR .156 [4.0] DIA
MOUNTING HOLE
FOR .062 [1.57]
THICK PCB
.400 [10.2]
.700 [17.8]
SQUARE
ADHESIVE TAPE
.109
[2.8]
.280 [7.1]
L
• One end permanently attaches to .062 (1.57) chassis
• Accommodates varying board thicknesses
• Sturdy support due to large contact area
.280 [7.1]
L
.562 [14.3]
FOR .187 [4.8] DIA.
MOUNTING HOLE
FOR .062 [1.57]
CHASSIS
.218 [5.6]
FOR .062 [1.57]
THICK PCB
L
ADHESIVE TAPE WITH TAB
FOR .125 [3.2] DIA
MOUNTING HOLE
.109 [2.8]
.344 [8.8]
.500 [12.7]
SQUARE
.172 [4.4]
• One end permanently attaches to .062 (1.57) chassis
• Low protrusion under chassis
• Small diameter frees up space on PC board
ADHESIVE LOCK-IN RELEASE SUPPORTS
.070
[1.8]
.500 [12.7]
FOR .062 [1.57]
THICK PCB
.203 [5.2]
L
.400 [10.2]
FOR .213 [5.4] DIA.
MOUNTING HOLE
FOR .156 [4.0] DIA.
MOUNTING HOLE
• End locks onto .062 (1.57) PC board
• Board is positively locked until manually released
• Board is easily releasable for repairs or upgrades
• End permanently attaches to .062 (1.57) PC board
• Small footprint frees up PC board space
FOR .100 [2.6] DIA.
MOUNTING HOLE
FOR .062 [1.57]
THICK CHASSIS
.171 [4.4]
.150 [3.8]
L
INSULATED PC SPACERS
/SUPPORTS
STURDY SUPPORT
SLIMLINE SUPPORT
• Permanently attaches to .059 (1.51) - .065 (1.65) thick case from outside
• Provides flat clean cosmetic appearance • Ideal for low clearance applications or for mounting directly to case walls
LOCK-IN RELEASE
SLIMLINE LOCK-IN
FOR .187 [4.8] DIA.
MOUNTING HOLE
.187 [4.8]
L
.171
[4.4]
.375 [9.5]
.060
[1.5]
FOR .062 [1.57]
THICK PCB
FOR .125 [3.2] DIA.
MOUNTING HOLE
CAT.
L
NO.
LENGTH
9080
.187 (4.7)
9081
.250 (6.4)
9082
.375 (9.5)
9083
.500 (12.7)
9084
.625 (15.9)
PC SPACER SUPPORTS
• One end locks into chassis • Other end supports the PC Board • Ideal for mid supports of large boards
• Simplifies assembly for multiple support applications • Reduces the amount of holes required in PC board
CAT.
L
NO.
LENGTH
9061
.250 (6.4)
9062
.375 (9.5)
9063
.500 (12.7)
9064
.625 (15.9)
CAT.
L
NO.
LENGTH
9065
.250 (6.4)
9066
.375 (9.5)
9067
.500 (12.7)
9068
.625 (15.9)
Material: Nylon 6/6, UL Rated 94V-0
Material: Nylon 6/6, UL Rated 94V-0
Material: Nylon 6/6, UL Rated 94V-0
Material: Nylon 6/6, UL Rated 94V-0
Material: Nylon 6/6, UL Rated 94V-0
Material: Nylon 6/6, UL Rated 94V-0
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
.156 (4.0)
.125 (3.2)
.156 (4.0)
.213 (5.4)
.125 (3.2)
.187 (4.8)
.187 (4.8)
.100 (2.8)
CAT.
L
NO.
LENGTH
9070
.187 (4.7)
9071
.250 (6.4)
9072
.375 (9.5)
9073
.500 (12.7)
9074
.625 (15.9)
STURDY SUPPORT
SLIMLINE SUPPORT
M60 Section 4 FREV2:9-2011
11/22/11
4:22 PM
Page 78


Similar Part No. - 9072

ManufacturerPart #DatasheetDescription
logo
Heyco.
9072 HEYCO-9072 Datasheet
98Kb / 1P
Snap Rivets – continued
9072 HEYCO-9072 Datasheet
152Kb / 2P
Snap Rivets
9072 HEYCO-9072 Datasheet
100Kb / 1P
Nytye® Push Rivets
logo
Bahco
9072 BAHCO-9072 Datasheet
92Kb / 1P
90-series, Phosphated, 90
9072 BAHCO-9072 Datasheet
1Mb / 2P
ERGO™ Central Nut Adjustable Wrench Set with Rubber Handle
More results

Similar Description - 9072

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
LEDS1-4-26 RICHCO-LEDS1-4-26 Datasheet
57Kb / 1P
LED SPACERS
logo
List of Unclassifed Man...
9019 ETC2-9019 Datasheet
326Kb / 1P
INSULATED PC SPACERS/SUPPORTS
1483 ETC2-1483 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
logo
Richco, Inc.
R910-4 RICHCO-R910-4 Datasheet
26Kb / 1P
NYLON SPACERS
logo
Harwin Plc
R40-6000402 HARWIN-R40-6000402 Datasheet
2Mb / 1P
Metric Spacers
logo
List of Unclassifed Man...
D01501 ETC2-D01501 Datasheet
25Kb / 1P
Duratool Spacers
LEDS1-3-26 ETC2-LEDS1-3-26 Datasheet
57Kb / 1P
LED SPACERS
logo
Richco, Inc.
R911-5 RICHCO-R911-5 Datasheet
26Kb / 1P
NYLON SPACERS
logo
Harwin Plc
R30-9401000 HARWIN-R30-9401000 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R30-9401400 HARWIN-R30-9401400 Datasheet
44Kb / 1P
CLEARANCE SPACERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com