Electronic Components Datasheet Search
  English  ▼

X  

6002 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 6002
Description  PLUGS AND JACKS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6002 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  6002 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
FULLY INSULATED STANDARD TIP JACK
FULLY INSULATED DELUXE TIP JACK
MATERIAL:
Body: Molded Nylon ASTM D4066
Contact: Beryllium Copper, Silver Plate
Terminal: Brass, Tin Plate
ACCEPTS .080 (2.0) TIP
ACCEPTS .080 (2.0) TIP
ACCEPTS .080 (2.0) TIP WITH CLOSED ENTRY CONTACT
MATERIAL:
Body: Molded Nylon ASTM D4066
Contact: Phosphor Bronze, Tin Plate
MATERIAL:
Body: Molded Nylon
ASTM D4066
Shell: Brass, Nickel Plate
Contact: Phosphor Bronze,
Silver Plate
MATERIAL:
Body: Brass, Nickel Plate
Contact: Beryllium Copper
Current Rating: 15 Amps
NUT
.209
[5.3]
.250-32
THREAD
.562 [14.3]
.375 [9.5]
NUT
.375 [9.5]
DIA.
.844 [21.5]
.188 [4.8]
.080 (2.0) DIAMETER TIP
.080 (2.0) DIAMETER TIP
MATERIAL:
Body: Molded Nylon
ASTM D4066
Shell & Nut: Brass QQ-B-626,
Nickel Plate QQ-N-290
Contact: Beryllium Copper
for QQ-C-533. Gold Plate
MIL-G-45204
ACCEPTS .080 (2.0) TIP WITH CLOSED ENTRY CONTACT
ACCEPTS .080 (2.0) TIP
CAT. NO.
COLOR
6030
WHITE
6031
RED
6032
BLACK
6033
GREEN
6034
YELLOW
6035
BLUE
CAT. NO.
COLOR
6018
WHITE
6019
RED
6020
BLACK
6021
GREEN
6022
YELLOW
6023
BLUE
Fully molded body with recessed closed entry design. Assures maximum retention with .010
Ω max-
imum contact resistance. Prevents accidental insertion of larger diameter probes. Current
rating: 10 Amps. Breakdown voltage 5700V RMS. Capacitance to metal panel 2.0 pF nominal. Sup-
plied with nut.
Economical tip jacks with molded Nylon body. Low contact resistance. Formed Phosphor Bronze
contact with solder hole for ease in attaching wire. Current rating 10 Amps. Breakdown voltage
5700 VRMS. Capacitance to metal panel 3.8 pF. Supplied with nut.
NUT
.209
[5.3]
.250-32
THREAD
.562 [14.3]
.750 [19.1]
.375 [9.5]
NUT
.375 [9.5]
DIA.
.188 [4.8]
UNINSULATED TIP JACK
METAL-CLAD TIP JACK (STD)
METAL-CLAD TIP JACK (MIL)
High quality tip jack for high reliability industrial applications. Ideal for
use where required to withstand severe environmental conditions, tem-
perature, vibration and salt spray. Recessed closed entry contact. Cur-
rent rating 10 amps. Breakdown voltage: 5700V RMS. Made to
MIL-C39024/10. Capacitance to metal panel 2.0 pF. Supplied com-
plete with hardware.
Quality, precision machined tip jack made of brass. Ideal for use on
metal panels where grounding is required. Fits panels up to .375 (9.5)
Thick. Supplied with nut.
Molded Nylon body with metal jacket. Contact is formed from phos-
phor bronze contact with solder hole for ease in attaching wire. De-
signed for positive contact, easy insertion and withdrawal. Current
rating: 10 Amps. Breakdown voltage 5700V RMS. Capacitance to
metal panel 3.8 pF. Supplied with nut.
SOLDER TIP PLUGS
SOLDERLESS TIP PLUGS
STANDARD PHONE TIP
.080 (2.0) DIAMETER TIP
Designed for miniaturization where space is criti-
cal. Solder lead connection. Maximum reliability
with minimum contact resistance. Base of tip is
recessed to eliminate shock or grounding. Fits all
standard jacks.
MATERIAL:
Tip: Brass, Nickel Plate
Handle: Nylon 6/6
Current Rating: 10 Amps.
CAT. NO.
COLOR
CAT. NO.
COLOR
6006
WHITE
6009
GREEN
6007
RED
6010
YELLOW
6008
BLACK
6011
BLUE
CAT. NO. 1601
Accepts up to 12 gauge wire. Fits all standard
tip jacks.
.395
[10.1]
LOCKWASHER
.343 [8.7] HEX. NUT
.250-32 THREAD
.632 [16.1]
.156 [4.0]
.812 [20.6]
SPRING CONTACT TO
ACCEPT .080 [2.03]
DIA. PIN
.312 [7.9]
HEX.
.281 [7.2]
DIA.
.395 [10.1]
NUT
.250-32 THREAD
.632 [16.1]
.281 [7.2]
DIA.
.156 [4.0]
.312 7.9] HEX.
.375 [9.5]
NUT
.906 [23.0]
.375 [9.5] HEX. NUT
.250-32 THREAD
.593 [15.1]
.812 [20.6]
.312 [7.9]
HEX.
.281 [7.2]
DIA.
SPRING CONTACT TO
ACCEPT .080 [2.03]
DIA. PIN
.093
[2.4]
CAT. NO. 6097
1.000 [25.4]
.500 [12.7]
.080 [2.03] DIA.
.156 [4.0]
DIA.
.125 [3.2]
DIA.
.500
[12.7]
REF.
.875 [22.2]
.375 [9.5]
DIA.
.156 [4.0] DIA.
TO ACCEPT WIRE.
.080 [2.03] DIA.
.070 [1.78] DIA.
TO ACCEPT WIRE.
.875 [22.2]
.080 [2.03] DIA.
.187 [4.8]
DIA.
.113 [2.9]
DIA.
.328 [8.4]
REF.
Fully insulated molded nylon sleeve. Maximum reli-
ability with minimum contact resistance. Recessed
metal head eliminates possibility of shock or
grounding. Designed for solderless connection of up
to 16 gauge stranded wire which fits through handle
and tip and is secured by screwing handle tight. Fits
all standard tip jacks.
MATERIAL:
Tip: Brass, Nickel Plate
Handle: Nylon 6/6
Current Rating: 10 Amps.
MATERIAL: Brass, Nickel Plate
104
CAT. NO.
COLOR
6012
WHITE
6013
RED
6014
BLACK
6015
GREEN
6016
YELLOW
6017
BLUE
CAT. NO.
COLOR
6024
WHITE
6025
RED
6026
BLACK
6027
GREEN
6028
YELLOW
6029
BLUE
CAT. NO.
COLOR
CAT. NO.
COLOR
6000
WHITE
6003
GREEN
6001
RED
6004
YELLOW
6002
BLACK
6005
BLUE
M60Section6FREV1A1-COLOR 4/4/13 5:32PM Page104


Similar Part No. - 6002

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6002 SCHURTER-6002 Datasheet
263Kb / 2P
Interconnection Cord with Plug 6A 3pole, Straight
logo
3M Electronics
6002 3M-6002 Datasheet
1Mb / 8P
3M??Reusable Respirators
logo
Heyco.
6002 HEYCO-6002 Datasheet
318Kb / 2P
Heavy Duty Male Blades for Range and Dryer
logo
Toshiba Semiconductor
6002-000515 TOSHIBA-6002-000515 Datasheet
5Mb / 70P
COLOUR TELEVISION
logo
Presto International UK...
60020 PRESTO-60020 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
More results

Similar Description - 6002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD-A-88K ETC-GD-A-88K Datasheet
138Kb / 1P
MODULAR JACKS AND PLUGS
logo
Switchcraft, Inc.
RAPC752 SWITCH-RAPC752 Datasheet
352Kb / 1P
JACKS AND PLUGS
logo
Aries Electronics, Inc.
SP200 ARIES-SP200_11 Datasheet
1Mb / 1P
Shorting Plugs and Jacks
16009 ARIES-16009 Datasheet
1Mb / 1P
Shorting Plugs and Jacks
logo
Kycon, Inc.
GAX KYCON-GAX Datasheet
855Kb / 1P
MODULAR JACKS AND PLUGS
GDLX KYCON-GDLX Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GDLX-SMT KYCON-GDLX-SMT Datasheet
1,005Kb / 1P
MODULAR JACKS AND PLUGS
GDWLX KYCON-GDWLX Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GDX KYCON-GDX Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GLX-M KYCON-GLX-M Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com