Electronic Components Datasheet Search
  English  ▼

X  

LT1720IDD Datasheet(PDF) 2 Page - Linear Technology

Part # LT1720IDD
Description  UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1720IDD Datasheet(HTML) 2 Page - Linear Technology

  LT1720IDD Datasheet HTML 1Page - Linear Technology LT1720IDD Datasheet HTML 2Page - Linear Technology LT1720IDD Datasheet HTML 3Page - Linear Technology LT1720IDD Datasheet HTML 4Page - Linear Technology LT1720IDD Datasheet HTML 5Page - Linear Technology LT1720IDD Datasheet HTML 6Page - Linear Technology LT1720IDD Datasheet HTML 7Page - Linear Technology LT1720IDD Datasheet HTML 8Page - Linear Technology LT1720IDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT1720/LT1721
2
17201fc
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC to GND........................................7V
Input Current.......................................................
±10mA
Output Current (Continuous) .............................
±20mA
Junction Temperature .......................................... 150°C
(DD Package).................................................... 125°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
TOP VIEW
DD PACKAGE
8-LEAD (3mm
3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
+IN A
–IN A
–IN B
+IN B
VCC
OUT A
OUT B
GND
9
TJMAX = 125°C, θJA = 160°C/W
UNDERSIDE METAL INTERNALLY
CONNECTED TO GND
1
2
3
4
+IN A
–IN A
–IN B
+IN B
8
7
6
5
VCC
OUT A
OUT B
GND
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 230°C/W
TOP VIEW
VCC
OUT A
OUT B
GND
+IN A
–IN A
–IN B
+IN B
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
TJMAX = 150°C, θJA = 200°C/W
1
2
3
4
5
6
7
8
TOP VIEW
GN PACKAGE
16-LEAD NARROW
PLASTIC SSOP
S PACKAGE
16-LEAD PLASTIC SO
16
15
14
13
12
11
10
9
–IN A
+IN A
GND
OUT A
OUT B
GND
+IN B
–IN B
–IN D
+IN D
VCC
OUT D
OUT C
VCC
+IN C
–IN C
TJMAX = 150°C, θJA = 135°C/W (GN)
TJMAX = 150°C, θJA = 115°C/W (S)
PIN CONFIGURATION
Storage Temperature Range................... –65°C to 150°C
(DD Package)..................................... –65°C to 125°C
Operating Temperature Range
C Grade................................................... 0°C to 70°C
I Grade ............................................... –40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com