Electronic Components Datasheet Search
  English  ▼

X  

LT1721CS Datasheet(PDF) 17 Page - Linear Technology

Part # LT1721CS
Description  UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1721CS Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1721CS Datasheet HTML 13Page - Linear Technology LT1721CS Datasheet HTML 14Page - Linear Technology LT1721CS Datasheet HTML 15Page - Linear Technology LT1721CS Datasheet HTML 16Page - Linear Technology LT1721CS Datasheet HTML 17Page - Linear Technology LT1721CS Datasheet HTML 18Page - Linear Technology LT1721CS Datasheet HTML 19Page - Linear Technology LT1721CS Datasheet HTML 20Page - Linear Technology LT1721CS Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LT1720/LT1721
17
17201fc
Timing Skews
For a number of reasons, the LT1720/LT1721’s superior
timing specifications make them an excellent choice for
applications requiring accurate differential timing skew.
The comparators in a single package are inherently well
matched, with just 300ps
ΔtPDtypical.Monolithicconstruc-
tion keeps the delays well matched vs supply voltage and
temperature. Crosstalk between the comparators, usually a
disadvantage in monolithic duals and quads, has minimal
effect on the LT1720/LT1721 timing due to the internal
hysteresis, as described in the Speed Limits section.
The circuits of Figure 11 show basic building blocks for
differential timing skews. The 2.5k resistance interacts with
the 2pF typical input capacitance to create at least
±4ns
delay, controlled by the potentiometer setting. A differential
and a single-ended version are shown. In the differential
configuration, the output edges can be smoothly scrolled
through
Δt = 0 with negligible interaction.
3ns Delay Detector
It is often necessary to measure comparative timing of
pulse edges in order to determine the true synchronicity
of clock and control signals, whether in digital circuitry
or in high speed instrumentation. The circuit in Figure 12
APPLICATIONS INFORMATION
is a delay detector which will output a pulse when signals
X and Y are out of sync (specifically, when X is high and
Y is low). Note that the addition of an identical circuit to
detect the opposite situation (X low and Y high) allows
for full skew detection.
Comparators U1A and U1B clean up the incoming signals
and render the circuit less sensitive to input levels and
slew rates. The resistive divider network provides level
shifting for the downstream comparator’s common mode
input range, as well as offset to keep the output low except
during a decisive event. When the upstream comparator’s
outputs can overcome the resistively generated offset (and
hysteresis), comparator U1C performs a Boolean “X*_Y”
function and produces an output pulse (see Figure 13).
The circuit will give full output response with input delays
down to 3ns and partial output response with input delays
down to 1.8ns. Capacitor C1 helps ensure that an imbal-
ance of parasitic capacitances in the layout will not cause
common mode excursions to result in differential mode
signal and false outputs.1
1 Make sure the input levels at X and Y are not too close to the 0.5V threshold set by the R8–R9
divider. If you are still getting false outputs, try increasing C1 to 10pF or more. You can also look
for the problem in the impedance balance (R5 || R6 = R7) at the inputs of U1C. Increasing the
offset by lowering R5 will help reject false outputs, but R7 should also be lowered to maintain
impedance balance. For ease of design and parasitic matching, R7 can be replaced by two parallel
resistors equal to R5 and R6.
LT1720
DIFFERENTIAL 4ns
RELATIVE SKEW
CIN
CIN
CIN
CIN
VREF
2.5k
2.5k
INPUT
LT1720
0ns TO 4ns
SINGLE-ENDED
DELAY
CIN
CIN
17201 F11
VREF
INPUT
CIN
CIN
–
+
–
+
Figure 11. Building Blocks for Timing Skew Generation with the LT1720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com