Electronic Components Datasheet Search
  English  ▼

X  

BC848B-G Datasheet(PDF) 3 Page - Comchip Technology

Part # BC848B-G
Description  Small Signal Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC848B-G Datasheet(HTML) 3 Page - Comchip Technology

  BC848B-G Datasheet HTML 1Page - Comchip Technology BC848B-G Datasheet HTML 2Page - Comchip Technology BC848B-G Datasheet HTML 3Page - Comchip Technology BC848B-G Datasheet HTML 4Page - Comchip Technology BC848B-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Electrical Characteristic Curves (BC846A-G Thru. BC848C-G)
Comchip Technology CO., LTD.
Page 3
REV:B
Small Signal Transistor
QW-BTR31
Base-Emitter Voltage, VBE ( V )
Ta=25°C
Ta=100°C
Collector Current, Ic ( mA )
Ta=25°C
Ta=100°C
COMMON EMITTER
VCE=5V
Collector Current, Ic ( mA )
Ta=25°C
Ta=100°C
β=20
Collector Current, Ic (mA)
Ambient Temperature, Ta (°C)
Fig.2- hFE
IC
—
Fig.3- VCEsat — IC
Fig.4- VBEsat — IC
100
10
1
0.1
β=20
Fig.8- PC
Ta
—
Fig.7- fT — IC
Collector Current, Ic (mA)
1
10
10
1000
100
Fig.1- Static Characteristic
Collector-Emitter Voltage, VCE (V)
0
1
3
5
4
6
0
4
8
12
16
20
54uA
48uA
42uA
36uA
30uA
24uA
18uA
12uA
IB=6uA
Fig.5- IC — VBE
Ta=100°C
Ta=25°C
Reverse Bias Voltage, V ( V )
Fig.6- Cob/Cib — VCB/VEB
400
600
800
1000
100
10
1
0.1
100
300
1000
100
10
1
0.1
10
100
1000
Common Emitter
VCE = 5V
0.1
1
100
10
0.1
1
100
10
1.0
0.6
0.4
0.1
0.8
20
1
0.1
10
50
VCE = 5V
Ta=25°C
100
50
25
0
75
125
150
0
50
100
150
200
250
-450uA
COMMON
EMITTER
Ta=25°C
f=1MHz
IE = 0/Ic =0
Ta = 25°C
Cib
Cob
60uA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com