Electronic Components Datasheet Search
  English  ▼

X  

LT1671 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1671
Description  UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1671 Datasheet(HTML) 5 Page - Linear Technology

  LT1671 Datasheet HTML 1Page - Linear Technology LT1671 Datasheet HTML 2Page - Linear Technology LT1671 Datasheet HTML 3Page - Linear Technology LT1671 Datasheet HTML 4Page - Linear Technology LT1671 Datasheet HTML 5Page - Linear Technology LT1671 Datasheet HTML 6Page - Linear Technology LT1671 Datasheet HTML 7Page - Linear Technology LT1671 Datasheet HTML 8Page - Linear Technology LT1671 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LT1720/LT1721
5
17201fc
TYPICAL PERFORMANCE CHARACTERISTICS
DIFFERENTIAL INPUT VOLTAGE (V)
–5
–7
–6
–4
–3
–2
1234
2
17201 G04
–5
–4 –3 –2 –1
0
5
–1
0
1
25°C
VCC = 5V
TEMPERATURE (˚C)
–50
5.5
25
17201 G05
4.0
3.0
–25
0
50
2.5
2.0
6.0
5.0
4.5
3.5
75
100
125
VCC = 5V
VCC = 3V
SUPPLY VOLTAGE (V)
0
0
4
7
2
4
5
17201 G06
3
2
1
6
5
1
3
6
7
25°C
125°C
–55°C
OUTPUT LOAD CAPACITANCE (pF)
0
30
50
17201 G07
10
20
40
9
8
7
6
5
4
3
2
1
0
25°C
VSTEP = 100mV
OVERDRIVE = 20mV
VCC = 5V
RISING EDGE
(tPDLH)
FALLING EDGE
(tPDHL)
TEMPERATURE (°C)
–50
7.5
25
17201 G08
6.0
5.0
–25
0
50
4.5
4.0
8.0
7.0
6.5
5.5
75
100
125
VCC = 3V
VCC = 3V
VCC = 5V
VCC = 5V
tPDLH
VCM = 1V
VSTEP = 100mV
CLOAD = 10pF
OVERDRIVE = 5mV
OVERDRIVE = 20mV
SUPPLY VOLTAGE (V)
2.5
4.5
5.0
4.0
4.0
5.0
17201 G09
3.0
3.5
4.5
5.5
6.0
RISING EDGE
(tPDLH)
FALLING EDGE
(tPDHL)
25°C
VSTEP = 100mV
OVERDRIVE = 20mV
CLOAD = 10pF
OUTPUT SINK CURRENT (mA)
0
0.3
0.4
16
17201 G10
0.2
0.1
4
8
12
20
0.5
125°C
25°C
125°C
VCC = 2.7V
VCC = 5V
VCM = 1V
VIN = –15mV
–55°C
OUTPUT SOURCE CURRENT (mA)
0
–0.4
–0.2
0.0
16
17201 G11
–0.6
–0.8
–1.0
4
8
12
20
125°C
–55°C
25°C
25°C
VCC = 2.7V
VCC = 5V
VCM = 1V
VIN = 15mV
FREQUENCY (MHz)
0
7
8
10
30
NO LOAD
17201 G12
6
5
10
20
40
4
3
9
25°C
VCC = 5V
CLOAD = 20pF
Propagation Delay
vs Load Capacitance
Propagation Delay
vs Temperature
Propagation Delay
vs Supply Voltage
Output Low Voltage
vs Load Current
Output High Voltage
vs Load Current
Supply Current vs Frequency
Input Current
vs Differential Input Voltage
Quiescent Supply Current
vs Temperature
Quiescent Supply Current
vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com