Electronic Components Datasheet Search
  English  ▼

X  

7352 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 7352
Description  LED SPACER MOUNTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7352 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  7352 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“UNIVERSAL” FOR T-1 & T-1 3/4
“SELF-ALIGNING” FOR BI-LEAD T- 1 & T- 1 3/4
• Unique design separates leads and retains Tri-Lead
and Bi-Lead components.
• Designed for PC board mounting of Tri-Lead and
Bi-Lead T-1 and T-1 3/4 LEDS
• Provides height control, lead retention and stability.
• Also suitable for mounting lamps, resistors, transistors,
diodes, capacitors, etc.
MATERIAL: Black PVC, UL Rated 94V-0
• This features an internally tapered barrier which guides the leads and
eliminates crimping or shorting.
• The bottom bosses serve the dual purpose of heat dissipation and easy post
soldering cleanup.
FOR T-1 3/4 and T-1
CAT.
L
CAT.
L
NO.
LENGTH
NO.
LENGTH
8900
.120 (3.0)
8916
.400 (10.2)
8901
.140 (3.6)
8917
.420 (10.7)
8902
.160 (4.1)
8918
.440 (11.2)
8903
.180 (4.6)
8919
.450 (11.4)
8904
.200 (5.1)
8920
.460 (11.7)
8905
.220 (5.6)
8921
.480 (12.2)
8906
.240 (6.1)
8922
.500 (12.7)
8907
.250 (6.4)
8923
.550 (14.0)
8908
.260 (6.6)
8924
.600 (15.2)
8909
.280 (7.1)
8925
.650 (16.5)
8910
.300 (7.6)
8926
.700 (17.8)
8911
.320 (8.1)
8927
.750 (19.1)
8912
.340 (8.6)
8928
.800 (20.3)
8913
.350 (8.9)
8929
.850 (21.6)
8914
.360 (9.1)
8930
.900 (22.9)
8915
.380 (9.7)
8931
.925 (23.5)
T-1 3/4
T-1
T-1 3/4
T-1
CAT.
CAT.
L
A
NO.
NO.
LENGTH
REF.
8311
7351
.120 (3.0)
8312
7352
.140 (3.6)
8313
7353
.160 (4.1)
.075 (1.9)
8314
7354
.180 (4.6)
8315
7355
.200 (5.1)
8316
7356
.220 (5.6)
8317
7357
.240 (6.1)
8318
7358
.250 (6.4)
8319
7359
260 (6.6)
.190 (4.8)
8320
7360
.280 (7.1)
8321
7361
.300 (7.6)
8322
7362
.320 (8.1)
8323
7363
.340 (8.6)
.200 (5.1)
8324
7364
.350 (8.9)
8325
7365
.360 (9.1)
8326
7366
.380 (9.7) .325 (8.3)
T-1 3/4
T-1
CAT.
CAT.
L
A
NO.
NO.
LENGTH
REF.
8327
7367
.400 (10.2)
8328
7368
.420 (10.7)
8329
7369
.440 (11.2)
.325 (8.3)
8330
7370
.450 (11.4)
8331
7371
.460 (11.7)
8332
7372
.480 (12.2)
8333
7373
.500 (12.7)
8334
7374
.550 (14.0) .450 (11.4)
8335
7375
.600 (15.2)
8336
7376
.650 (16.5)
.575 (14.6)
8337
7377
.700 (17.8)
8338
7378
.750 (19.1)
8339
7379
.800 (20.3)
8340
7380
.850 (21.6) .690 (17.5)
8341
7381
.900 (22.9)
8342
7382
.925 (23.5)
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
KEY FEATURES
• Positive self-alignment of leads on .100 (.25) centers.
• No special tools required
MATERIAL: Natural Nylon, UL Rated 94V-2
“SELF-RETAINING” FOR T- 1
.140 [3.6] DIA.
.200 [5.1]
DIA.
.040 [1.0]
DIA. BOSSES
(6) PLS
LEAD RETAINING
AND DRAINAGE
.100 [2.5]
.100 [2.5]
.020 [0.5]
L
A
.025 [0.62] DIA.
.040 [1.02]
x .065 [1.65]
SLOT (4) PLS
L
.255 [6.5]
DIA.
.208 [5.3]
TYP.
.093 [2.4]
.133 [3.4]
DIA.
.100 [2.5]
.045 [1.1]
DIA BOSSES
(6) PLS.
.032 [0.81]
SQUARE
[2] PLS
.197
[5.0]
DIA.
A
L
.020 [0.5]
.045 [1.1]
DIA BOSSES
(6) PLS.
.157 [4.0]
DIA.
.100 [2.5]
.020 [0.5]
.197
[5.0]
DIA.
A
L
.032 [0.81]
SQUARE
[2] PLS
T-1
CAT.
L
A
NO.
LENGTH
REF.
7046 .400 (10.2)
7047 .420 (10.7)
7048 .440 (11.2)
7049 .450 (11.4)
.310 (7.9)
7050 .460 (11.7)
7051 .480 (12.2)
7052 .500 (12.7)
7053 .550 (14.0) .435 (11.0)
7054 .600 (15.2)
7055 .650 (16.5)
.650 (14.2)
7056
.700 (17.8)
7057 .750 (19.1)
7058 .800 (20.3)
7059 .850 (21.6)
.690 (17.5)
7060 .900 (22.9)
7061 .925 (23.5)
T-1
CAT.
L
A
NO.
LENGTH
REF.
7030
.120 (3.0)
7031
.140 (3.6)
7032
.160 (4.1)
7033
.180 (4.6)
.060 (1.5)
7034
.200 (5.1)
7035
.220 (5.6)
7036
.240 (6.1)
7037
.250 (6.4)
7038
.260 (6.6)
7039
.280 (7.1)
7040
.300 (7.6)
.185 (4.7)
7041
.320 (8.1)
7042
.340 (8.6)
7043
.350 (8.9)
7044
.360 (9.1)
7045
.380 (9.7)
.310 (7.9)
• Features internal retention “teeth” which secure LED leads onto spacers.
• This features an internally tapered barrier which guides the leads and
eliminates crimping or shorting.
• The bottom bosses serve the dual purpose of heat dissipation and easy
post soldering cleanup.
MATERIAL: Natural Nylon, UL Rated 94V-2
91
KEY FEATURES
• Internal design eliminates crimping or shorting of leads
• Self alignment of leads on .100 (.25) centers.
• Spacer will stay gripped to LED leads during assembly
• No special tools required
M60Section5FREV2-color 4/4/13 5:17PM Page91


Similar Part No. - 7352

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
7352 FILTRAN-7352 Datasheet
183Kb / 1P
V.90 Modem Transformer
logo
List of Unclassifed Man...
7352 ETC2-7352 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
V-COIL THREAD SYSTEM
7352 V-COIL-7352 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Keystone Electronics Co...
7352 KEYSTONE-7352 Datasheet
315Kb / 1P
LED SPACER MOUNTS
31-07 20th
logo
Bourns Electronic Solut...
7352-RC BOURNS-7352-RC Datasheet
88Kb / 1P
Common Mode Inductors/EMI Filters
More results

Similar Description - 7352

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
BR7.62 KINGBRIGHT-BR7.62 Datasheet
57Kb / 2P
SPACER FOR LED LAMP
BR9.52 KINGBRIGHT-BR9.52 Datasheet
42Kb / 1P
SPACER FOR LED LAMP
BR10.7 KINGBRIGHT-BR10.7 Datasheet
25Kb / 1P
SPACER FOR LED LAMP
logo
Richco, Inc.
LEDS2M-.120-01 RICHCO-LEDS2M-.120-01 Datasheet
63Kb / 1P
LED SPACER
logo
List of Unclassifed Man...
7364 ETC2-7364 Datasheet
327Kb / 1P
LED SPACER MOUNTS
7369 ETC2-7369 Datasheet
327Kb / 1P
LED SPACER MOUNTS
7351 ETC2-7351 Datasheet
114Kb / 2P
LED SPACER MOUNTS
7374 ETC2-7374 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8917 ETC2-8917 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
Richco, Inc.
LEDM-3-17 RICHCO-LEDM-3-17 Datasheet
108Kb / 1P
LED MOUNTS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com