Electronic Components Datasheet Search
  English  ▼

X  

LT1399 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1399
Description  Gain-Bandwidth Product: 325MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1399 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1399 Datasheet HTML 7Page - Linear Technology LT1399 Datasheet HTML 8Page - Linear Technology LT1399 Datasheet HTML 9Page - Linear Technology LT1399 Datasheet HTML 10Page - Linear Technology LT1399 Datasheet HTML 11Page - Linear Technology LT1399 Datasheet HTML 12Page - Linear Technology LT1399 Datasheet HTML 13Page - Linear Technology LT1399 Datasheet HTML 14Page - Linear Technology LT1399 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT1806/LT1807
11
18067fc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The inputs are protected by back-to-back diodes. If the differential
input voltage exceeds 1.4V, the input current should be limited to less
than 10mA. This parameter is guaranteed to meet specified performance
through design and/or characterization. It is not 100% tested.
Note 3: A heat sink may be required to keep the junction temperature below
the absolute maximum rating when the output is shorted indefinitely.
Note 4: The LT1806C/LT1806I and LT1807C/LT1807I are guaranteed
functional over the temperature range of –40°C and 85°C.
Note 5: The LT1806C/LT1807C are guaranteed to meet specified
performance from 0°C to 70°C. The LT1806C/LT1807C are designed,
characterized and expected to meet specified performance from –40°C to
85°C but are not tested or QA sampled at these temperatures. The LT1806I/
LT1807I are guaranteed to meet specified performance from –40°C to 85°C.
Note 6: Minimum supply voltage is guaranteed by power supply rejection
ratio test.
Note 7: Output voltage swings are measured between the output and
power supply rails.
Note 8: This parameter is not 100% tested.
Note 9: Thermal resistance varies depending upon the amount of PC board
metal attached to the V – pin of the device.
θJA is specified for a certain
amount of 2oz copper metal trace connecting to the V – pin as described in
the thermal resistance tables in the Applications Information section.
Note 10: Matching parameters are the difference between the two
amplifiers of the LT1807.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the −40°C < T
A < 85°C
temperature range. VS = ±5V, VSHDN = open; VCM = 0V, VOUT = 0V, unless otherwise noted. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tOFF
Turn-Off Time
VSHDN = 4.5V to 0.3V, RL = 100Ω
l
50
ns
GBW
Gain-Bandwidth Product
Frequency = 6MHz
l
125
290
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = ±4V,
Measure at VO = ±3V
l
50
100
V/μs
FPBW
Full-Power Bandwidth
VO = 8VP-P
l
4
MHz
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT OFFSET VOLTAGE (μV)
–500
30
40
50
300
18067 G01
20
10
0
–300
–100
100
500
VS = 5V, 0V
VCM = 0V
INPUT OFFSET VOLTAGE (μV)
–500
30
40
50
300
18067 G02
20
10
0
–300
–100
100
500
VS = 5V, 0V
VCM = 5V
INPUT OFFSET VOLTAGE (μV)
–500
30
40
50
300
18067 G03
20
10
0
–300
–100
100
500
VS = 5V, 0V
VOS Distribution, VCM = 0V
(PNP Stage)
VOS Distribution, VCM = 5V
(NPN Stage)
ΔVOS Shift for VCM = 0V to 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com