Electronic Components Datasheet Search
  English  ▼

X  

LT1632 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1632
Description  Gain-Bandwidth Product: 325MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1632 Datasheet(HTML) 3 Page - Linear Technology

  LT1632 Datasheet HTML 1Page - Linear Technology LT1632 Datasheet HTML 2Page - Linear Technology LT1632 Datasheet HTML 3Page - Linear Technology LT1632 Datasheet HTML 4Page - Linear Technology LT1632 Datasheet HTML 5Page - Linear Technology LT1632 Datasheet HTML 6Page - Linear Technology LT1632 Datasheet HTML 7Page - Linear Technology LT1632 Datasheet HTML 8Page - Linear Technology LT1632 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT1806/LT1807
3
18067fc
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+
VCM = V–
VCM = V+ (LT1806 SOT-23)
VCM = V– (LT1806 SOT-23)
100
100
100
100
550
550
700
700
μV
μV
μV
μV
ΔVOS
Input Offset Voltage Shift
VCM = V – to V+
VCM = V – to V+ (LT1806 SOT-23)
50
100
550
700
μV
μV
Input Offset Voltage Match (Channel-to-Channel)
(Note 10)
VCM = V – to V+
200
1000
μV
IB
Input Bias Current
VCM = V+
VCM = V – + 0.2V
–13
1
–5
4μA
μA
ΔIB
Input Bias Current Shift
VCM = V – to V+
617
μA
Input Bias Current Match (Channel-to-Channel)
(Note 10)
VCM = V+
VCM = V – + 0.2V
0.03
0.05
1.2
3.0
μA
μA
IOS
Input Offset Current
VCM = V+
VCM = V – + 0.2V
0.03
0.05
0.6
1.5
μA
μA
ΔIOS
Input Offset Current Shift
VCM = V – + 0.2V to V+
0.08
2.1
μA
Input Noise Voltage
0.1Hz to 10Hz
800
nVP-P
en
Input Noise Voltage Density
f = 10kHz
3.5
nV/√Hz
in
Input Noise Current Density
f = 10kHz
1.5
pA/√Hz
CIN
Input Capacitance
2pF
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k to VS/2
VS = 5V, VO = 1V to 4V, RL = 100 to VS/2
VS = 3V, VO = 0.5V to 2.5V, RL = 1k to VS/2
75
9
60
220
22
150
V/mV
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V – to V+
VS = 3V, VCM = V – to V+
79
74
100
95
dB
dB
CMRR Match (Channel-to-Channel) (Note 10)
VS = 5V, VCM = V – to V+
VS = 3V, VCM = V – to V+
73
68
100
95
dB
dB
Input Common Mode Range
V –
V +
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 10V, VCM = 0V
90
105
dB
PSRR Match (Channel-to-Channel) (Note 10)
VS = 2.5V to 10V, VCM = 0V
84
105
dB
Minimum Supply Voltage (Note 6)
2.3
2.5
V
VOL
Output Voltage Swing Low (Note 7)
No Load
ISINK = 5mA
ISINK = 25mA
8
50
170
50
130
375
mV
mV
mV
VOH
Output Voltage Swing High (Note 7)
No Load
ISOURCE = 5mA
ISOURCE = 25mA
15
85
350
65
180
650
mV
mV
mV
TA = 25°C. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open; VCM = VOUT = half supply, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com