Electronic Components Datasheet Search
  English  ▼

X  

LT1633 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1633
Description  Gain-Bandwidth Product: 325MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1633 Datasheet(HTML) 2 Page - Linear Technology

  LT1633 Datasheet HTML 1Page - Linear Technology LT1633 Datasheet HTML 2Page - Linear Technology LT1633 Datasheet HTML 3Page - Linear Technology LT1633 Datasheet HTML 4Page - Linear Technology LT1633 Datasheet HTML 5Page - Linear Technology LT1633 Datasheet HTML 6Page - Linear Technology LT1633 Datasheet HTML 7Page - Linear Technology LT1633 Datasheet HTML 8Page - Linear Technology LT1633 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT1806/LT1807
2
18067fc
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V –) ............................. 12.6V
Input Voltage (Note 2)..............................................
±VS
Input Current (Note 2)..........................................
±10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4) ...– 40°C to 85°C
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1806CS6#PBF
LT1806CS6#TRPBF
LTNK
6-Lead Plastic TSOT-23
0°C to 70°C
LT1806IS6#PBF
LT1806IS6#TRPBF
LTNL
6-Lead Plastic TSOT-23
–40°C to 85°C
LT1806CS8#PBF
LT1806CS8#TRPBF
1806
8-Lead Plastic SO
0°C to 70°C
LT1806IS8#PBF
LT1806IS8#TRPBF
1806I
8-Lead Plastic SO
–40°C to 85°C
LT1807CMS8#PBF
LT1807CMS8#TRPBF
LTTT
8-Lead Plastic MSOP
0°C to 70°C
LT1807IMS8#PBF
LT1807IMS8#TRPBF
LTTV
8-Lead Plastic MSOP
–40°C to 85°C
LT1807CS8#PBF
LT1807CS8#TRPBF
1807
8-Lead Plastic SO
0°C to 70°C
LT1807IS8#PBF
LT1807IS8#TRPBF
1807I
8-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
OUT 1
V– 2
+IN 3
6 V+
5 SHDN
4 –IN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 160°C/W (Note 9)
TOP VIEW
NC
V+
OUT
NC
SHDN
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
TJMAX = 150°C, θJA = 100°C/W (Note 9)
1
2
3
4
OUT A
–IN A
+IN A
V–
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 135°C/W (Note 9)
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V–
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
TJMAX = 150°C, θJA = 100°C/W (Note 9)
PIN CONFIGURATION
Specified Temperature Range (Note 5) ....– 40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range ..................– 65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com