Electronic Components Datasheet Search
  English  ▼

X  

LT1317 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1317
Description  Available in MiniDiP, TO-220, and TO-3 Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1317 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1317 Datasheet HTML 2Page - Linear Technology LT1317 Datasheet HTML 3Page - Linear Technology LT1317 Datasheet HTML 4Page - Linear Technology LT1317 Datasheet HTML 5Page - Linear Technology LT1317 Datasheet HTML 6Page - Linear Technology LT1317 Datasheet HTML 7Page - Linear Technology LT1317 Datasheet HTML 8Page - Linear Technology LT1317 Datasheet HTML 9Page - Linear Technology LT1317 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1072
1072fc
Transconductance of Error
Amplifier
VC Pin Characteristics
Switch “Off” Characteristics
FREQUENCY (Hz)
1000
3000
4000
6000
7000
1k
100k
1M
10M
LT1072 • TPC19
–1000
10k
5000
2000
0
150
90
60
0
–30
210
30
120
180
Gm
θ
VC PIN VOLTAGE (V)
0
–400
–300
–200
–100
300
100
0.5
1.0
200
0
1.5
2.0
2.5
LT1072 • TPC20
VFB = 1.5V (CURRENT INTO VC PIN)
VFB = 0.8V (CURRENT OUT OF VC PIN)
TJ = 25°C
SWITCH VOLTAGE (V)
0
600
800
1000
80
LT1072 • TPC21
400
200
500
700
900
300
100
0
20
10
40
30
60 70
90
50
100
VSUPPLY = 55V
VSUPPLY = 40V
VSUPPLY = 15V
VSUPPLY = 3V
2.3V
REG
40kHz
OSC
FB
VC
SHUTDOWN
CIRCUIT
0.15V
0.16Ω
GAIN
≈ 6
GND
MODE
SELECT
LOGIC
COMP
VIN
FLYBACK
ERROR
AMP
DRIVER
ANTI-
SAT
SWITCH
OUT
16V
–
+
0.16Ω
E1*
* ALWAYS CONNECT E1 TO GROUND PIN ON MINIDIP AND SURFACE MOUNT
PACKAGES. EMITTERS TIED TO GROUND ON TO-3 AND TO-220 PACKAGES
E2
1.24V
REF
ERROR
AMP
CURRENT
AMP
LT1072 • BD01
TYPICAL PERFOR A CE CHARACTERISTICS
BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com