Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1813
Description  Gain-Bandwidth Product: 325MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1813 Datasheet HTML 12Page - Linear Technology LT1813 Datasheet HTML 13Page - Linear Technology LT1813 Datasheet HTML 14Page - Linear Technology LT1813 Datasheet HTML 15Page - Linear Technology LT1813 Datasheet HTML 16Page - Linear Technology LT1813 Datasheet HTML 17Page - Linear Technology LT1813 Datasheet HTML 18Page - Linear Technology LT1813 Datasheet HTML 19Page - Linear Technology LT1813 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LT1806/LT1807
16
18067fc
TYPICAL PERFORMANCE CHARACTERISTICS
40ns/DIV
0V
18067 G39
VS = 5V
FREQ = 1.92MHz
AV = 1
RL = 1k
±5V Large-Signal Response
20ns/DIV
18067 G40
0V
VS = 5V
FREQ = 4.48MHz
AV = 1
RL = 1k
±5V Small-Signal Response
20ns/DIV
18067 G41
0.5V
VS = 5V, 0V
FREQ = 5.29MHz
AV = 1
RL = 1k
5V Large-Signal Response
10ns/DIV
18067 G42
0V
VS = 5V, 0V
AV = 1
RL = 1k
5V Small-Signal Response
100ns/DIV
0V
0V
VIN
1V/DIV
18067 G43
VS = 5V, 0V
AV = 2
RL = 1k
VOUT
2V/DIV
Output Overdriven Recovery
20ns/DIV
18067 G44
0V
0V
VSHDN
2V/DIV
VS = 5V, 0V
AV = 2
RL = 100Ω
VOUT
2V/DIV
Shutdown Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com