Electronic Components Datasheet Search
  English  ▼

X  

LT1963 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1963
Description  400mV Dropout Voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1963 Datasheet HTML 7Page - Linear Technology LT1963 Datasheet HTML 8Page - Linear Technology LT1963 Datasheet HTML 9Page - Linear Technology LT1963 Datasheet HTML 10Page - Linear Technology LT1963 Datasheet HTML 11Page - Linear Technology LT1963 Datasheet HTML 12Page - Linear Technology LT1963 Datasheet HTML 13Page - Linear Technology LT1963 Datasheet HTML 14Page - Linear Technology LT1963 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT1129/LT1129-3.3/LT1129-5
11
112935ff
OPERATION
copper. This data can be used as a rough guideline in
estimating thermal resistance. The thermal resistance for
each application will be affected by thermal interactions
with other components as well as board size and shape.
Some experimentation will be necessary to determine the
actual value.
Table 1. Q Package, 5-Lead DD
COPPER AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
BOARD AREA
2500 sq. mm 2500 sq. mm
2500 sq. mm
25°C/W
1000 sq. mm 2500 sq. mm
2500 sq. mm
27°C/W
125 sq. mm
2500 sq. mm
2500 sq. mm
35°C/W
* Tab of device attached to topside copper
Table 2. ST Package, 3-Lead SOT-223
COPPER AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
BOARD AREA
2500 sq. mm 2500 sq. mm
2500 sq. mm
45°C/W
1000 sq. mm 2500 sq. mm
2500 sq. mm
45°C/W
225 sq. mm
2500 sq. mm
2500 sq. mm
53°C/W
100 sq. mm
2500 sq. mm
2500 sq. mm
59°C/W
* Tab of device attached to topside copper
Table 3. S8 Package, 8-Lead Plastic SOIC
COPPER AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
BOARD AREA
2500 sq. mm 2500 sq. mm
2500 sq. mm
55°C/W
1000 sq. mm 2500 sq. mm
2500 sq. mm
55°C/W
225 sq. mm
2500 sq. mm
2500 sq. mm
63°C/W
100 sq. mm
2500 sq. mm
2500 sq. mm
69°C/W
* Device attached to topside copper
T Package, 5-Lead TO-220
Thermal Resistance (Junction-to-Case) = 5°C/W
Calculating Junction Temperature
Example: Given an output voltage of 3.3V, an input voltage
range of 4.5V to 5.5V, an output current range of 0mA to
500mA, and a maximum ambient temperature of 50°C,
what will the maximum junction temperature be?
The power dissipated by the device will be equal to:
IOUT MAX • (VIN MAX – VOUT) + (IGND • VIN MAX)
where, IOUT MAX = 500mA
VIN MAX = 5.5V
IGND at (IOUT = 500mA, VIN = 5.5V) = 25mA
so,
P = 500mA • (5.5V – 3.3V) + (25mA • 5.5V)
= 1.24W
If we use a DD package, then the thermal resistance will be
in the range of 25°C/W to 35°C/W depending on copper
area. So the junction temperature rise above ambient will
be approximately equal to:
1.24W • 30°C/W = 37.2°C
The maximum junction temperature will then be equal to
the maximum junction temperature rise above ambient
plus the maximum ambient temperature or:
TJMAX = 50°C + 37.2°C = 87.2°C
Output Capacitance and Transient Performance
The LT1129 is designed to be stable with a wide range
of output capacitors. The minimum recommended value
is 3.3μF with an ESR of 2Ω or less. The LT1129 is a
micropower device and output transient response will
be a function of output capacitance. See the Transient
Response curves in the Typical Performance Character-
istics. Larger values of output capacitance will decrease
the peak deviations and provide improved output transient
response. Bypass capacitors, used to decouple individual
components powered by the LT1129, will increase the
effective value of the output capacitor.
Protection Features
The LT1129 incorporates several protection features
which make it ideal for use in battery-powered circuits.
In addition to the normal protection features associated
with monolithic regulators, such as current limiting and
thermal limiting, the device is protected against reverse
input voltages, and reverse voltages from output to input.
For fixed voltage devices the output and sense pins are
tied together at the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com