Electronic Components Datasheet Search
  English  ▼

X  

RL206-G Datasheet(PDF) 1 Page - Comchip Technology

Part # RL206-G
Description  General Purpose Silicon Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

RL206-G Datasheet(HTML) 1 Page - Comchip Technology

  RL206-G Datasheet HTML 1Page - Comchip Technology RL206-G Datasheet HTML 2Page - Comchip Technology RL206-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RL201-G Thru. RL207-G
Forward Current: 2.0A
Reverse Voltage: 50 to 1000V
RoHS Device
General Purpose Silicon Rectifier
QW-BG011
Page 1
REV:B
Features
-Diffused Junction.
-Low forward voltage drop.
-Low reverse leakage current.
-High current capability.
Mechanical data
-Case: JEDEC DO-15 molded plastic.
-Epoxy: UL94V-0 rate flame retardant
-Polarity: Color band denotes cathode end
Mounting position: Any
-Weight: 0.39gram
Maximum Ratings and Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
Parameter
Symbol
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375"(9.5mm) lead length @TA=50°C
Peak forward surge current, 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
Maximum forward voltage at 2.0A DC
Maximum reverse current
at rated DC blocking voltage
Operating temperature range
Storage temperature range
@TJ=25°C
Typical junction capacitance (Note 1)
Typical thermal resistance (Note 2)
RL201-G
50
35
50
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
RθJA
TJ
TSTG
2.0
60
1.1
5
50
20
40
-55 ~ +150
-55 ~ +150
V
V
V
A
A
V
pF
°C
°C
μA
°C/W
RL202-G
100
70
100
RL203-G
200
140
200
RL204-G
400
280
400
RL205-G
600
420
600
RL206-G
800
560
800
RL207-G
1000
700
1000
NOTES:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2. Thermal resistance junction to ambient.
Dimensions in inches and (millimeter)
DO-15
0.300(7.6)
1.000(25.40) Min.
0.141(3.6) DIA.
0.035(0.9) DIA.
0.028(0.7) DIA.
0.102(2.6) DIA.
0.228(5.8)
1.000(25.40) Min.
@TJ=100°C
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.


Similar Part No. - RL206-G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL206-B RECTRON-RL206-B Datasheet
32Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RL206-T RECTRON-RL206-T Datasheet
32Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
Won-Top Electronics
RL206-T3 WTE-RL206-T3 Datasheet
40Kb / 3P
2.0A SILICON RECTIFIER
RL206-T3 WTE-RL206-T3 Datasheet
48Kb / 4P
2.0A STANDARD DIODE
RL206-TB WTE-RL206-TB Datasheet
40Kb / 3P
2.0A SILICON RECTIFIER
More results

Similar Description - RL206-G

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0087C SSDI-RC0087C_15 Datasheet
115Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
logo
Central Semiconductor C...
CR5-010 CENTRAL-CR5-010_15 Datasheet
63Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
CR6A4GPP CENTRAL-CR6A4GPP_15 Datasheet
169Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
logo
Microdiode Semiconducto...
1A1 CHENDA-1A1 Datasheet
583Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
1N4001S CHENDA-1N4001S Datasheet
533Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
1N5400 CHENDA-1N5400 Datasheet
533Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
BY127 CHENDA-BY127 Datasheet
533Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
RL201 CHENDA-RL201 Datasheet
533Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
RL251 CHENDA-RL251 Datasheet
546Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
1N4001S CHENDA-1N4001S_V01 Datasheet
624Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com