Electronic Components Datasheet Search
  English  ▼

X  

LTC1844 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1844
Description  100mA, Low Voltage, Very Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1844 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1844 Datasheet HTML 8Page - Linear Technology LTC1844 Datasheet HTML 9Page - Linear Technology LTC1844 Datasheet HTML 10Page - Linear Technology LTC1844 Datasheet HTML 11Page - Linear Technology LTC1844 Datasheet HTML 12Page - Linear Technology LTC1844 Datasheet HTML 13Page - Linear Technology LTC1844 Datasheet HTML 14Page - Linear Technology LTC1844 Datasheet HTML 15Page - Linear Technology LTC1844 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT3020/LT3020-1.2/
LT3020-1.5/LT3020-1.8
3020fc
LT/LT 0905 REV C • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2004
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
PART NUMBER
DESCRIPTION
COMMENTS
LT1121/LT1121HV
150mA, Micropower LDOs
VIN: 4.2V to 30V/36V, VOUT(MIN) = 3.75V, VDO = 0.42V, IQ = 30µA,
ISD = 16µA, Reverse-Battery Protection, SOT-223, S8, Z Packages
LT1129
700mA, Micropower LDO
VIN: 4.2V to 30V, VOUT(MIN) = 3.75V, VDO = 0.4V, IQ = 50µA, ISD = 16µA,
DD, SOT-223, S8, TO220-5, TSSOP20 Packages
LT1761
100mA, Low Noise Micropower LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.3V, IQ = 20µA, ISD < 1µA,
Low Noise: < 20
µVRMS, Stable with 1µF Ceramic Capacitor,
ThinSOT Package
LT1762
150mA, Low Noise Micropower LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.3V, IQ = 25µA, ISD < 1µA,
Low Noise: <20
µVRMS, MS8 Package
LT1763
500mA, Low Noise Micropower LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.3V, IQ = 30µA, ISD < 1µA,
Low Noise: < 20
µVRMS, S8 Package
LT1764/LT1764A
3A, Low Noise, Fast Transient Response LDOs
VIN: 2.7V to 20V, VOUT(MIN) = 1.21V, VDO = 0.34V, IQ = 1mA, ISD < 1µA,
Low Noise: <40
µVRMS, “A” Version Stable with Ceramic Capacitors,
DD, TO220-5 Packages
LTC1844
150mA, Low Noise, Micropower VLDO
VIN: 1.6V to 6.5V, VOUT(MIN) = 1.25V, VDO = 0.09V, IQ = 35µA, ISD < 1µA,
Low Noise: < 30
µVRMS, ThinSOT Package
LT1962
300mA, Low Noise Micropower LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.27V, IQ = 30µA, ISD < 1µA,
Low Noise: < 20
µVRMS, MS8 Package
LT1963/LT1963A
1.5A, Low Noise, Fast Transient Response LDOs
VIN: 2.1V to 20V, VOUT(MIN) = 1.21V, VDO = 0.34V, IQ = 1mA, ISD < 1µA,
Low Noise: < 40
µVRMS, “A” Version Stable with Ceramic Capacitors,
DD, TO220-5, SOT223, S8 Packages
LT1964
200mA, Low Noise Micropower, Negative LDO
VIN: –2.2V to –20V, VOUT(MIN) = 1.21V, VDO = 0.34V, IQ = 30µA, ISD = 3µA,
Low Noise: <30
µVRMS, Stable with Ceramic Capacitors,
ThinSOT Package
LT3010
50mA, High Voltage, Micropower LDO
VIN: 3V to 80V, VOUT(MIN) = 1.2V, VDO = 0.3V, IQ = 30µA, ISD < 1µA,
Low Noise: <100
µVRMS, Stable with 1µF Output Capacitor, Exposed
MS8E Package
LTC3025
300mA, Low Voltage, Micropower LDO
VIN: 0.9V to 5.5V, VOUT(MIN) = 0.4V, VDO = 0.05V, IQ = 54µA, Stable with
1
µF Ceramic Capacitors, DFN-6 Package
LT3150
Low VIN, Fast Transient Response, VLDO Controller
VIN: 1.1V to 10V, VOUT(MIN) = 1.23V, VDO = Set by External MOSFET
RDS(ON), 1.4MHz Boost Converter Generates Gate Drive, SSOP16 Package
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com