Electronic Components Datasheet Search
  English  ▼

X  

LT1963 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1963
Description  100mA, Low Voltage, Very Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1963 Datasheet HTML 4Page - Linear Technology LT1963 Datasheet HTML 5Page - Linear Technology LT1963 Datasheet HTML 6Page - Linear Technology LT1963 Datasheet HTML 7Page - Linear Technology LT1963 Datasheet HTML 8Page - Linear Technology LT1963 Datasheet HTML 9Page - Linear Technology LT1963 Datasheet HTML 10Page - Linear Technology LT1963 Datasheet HTML 11Page - Linear Technology LT1963 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT3020/LT3020-1.2/
LT3020-1.5/LT3020-1.8
3020fc
PI FU CTIO S
OUT (Pins 1, 2): These pins supply power to the load. Use
a minimum output capacitor of 2.2
µFtopreventoscillations.
Applications with large load transients require larger out-
put capacitors to limit peak voltage transients. See the
Applications Information section for more information on
output capacitance and reverse output characteristics.
OUT (Pin 3, Fixed Voltage Device Only): This pin is the
sense point for the internal resistor divider. It should be
tied directly to the other OUT pins (1, 2) for best results.
ADJ (Pin 3, Adjustable Device Only): This pin is the
inverting terminal to the error amplifier. Its typical input
bias current of 20nA flows out of the pin (see curve of ADJ
Pin Bias Current vs Temperature in the Typical Perfor-
mance Characteristics). The ADJ pin reference voltage is
200mV (referred to GND).
GND (Pin 4): Ground.
SHDN (Pin 5): The SHDN pin puts the LT3020 into a low
power state. Pulling the SHDN pin low turns the output off.
Drive the SHDN pin with either logic or an open collector/
drain device with a pull-up resistor. The pull-up resistor
supplies the pull-up current to the open collector/drain
logic, normally several microamperes, and the SHDN pin
current, typically 2.3
µA. If unused, connect the SHDN pin
to VIN. The LT3020 does not function if the SHDN pin is not
connected.
IN (Pins 7, 8): These pins supply power to the device. The
LT3020 requires a bypass capacitor at IN if it is more than
six inches away from the main input filter capacitor. The
output impedance of a battery rises with frequency, so
include a bypass capacitor in battery-powered circuits. A
bypass capacitor in the range of 2.2
µFto10µFsuffices.The
LT3020 withstands reverse voltages on the IN pin with
respect to ground and the OUT pin. In the case of a reversed
input, which occurs if a battery is plugged in backwards,
the LT3020 acts as if a diode is in series with its input. No
reverse current flows into the LT3020 and no reverse volt-
age appears at the load. The device protects itself and the
load.
GND (Pin 9, DD8 Package Only): Ground. Solder Pin 9
(the exposed pad) to the PCB. Connect directly to Pin 4 for
best performance.
RMS Output Noise vs Load
Current (10Hz to 100kHz)
LOAD CURRENT (mA)
300
250
200
150
100
50
0
0.01
1
10
100
3020 G19
0.1
VOUT = 1.2V
COUT = 2.2µF
No-Load Recovery Threshold
OUTPUT OVERSHOOT (%)
0
18
16
12
14
10
8
6
4
2
0
3020 G20
15
10
5
20
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com